Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBXMBB024LN1TAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBXMBB024LN1TAG
Description  2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXMBB024LN1TAG Datasheet(HTML) 1 Page - ON Semiconductor

  NBXMBB024LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXMBB024LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXMBB024LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXMBB024LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXMBB024LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXMBB024LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
April, 2011 − Rev. 4
1
Publication Order Number:
NBXSBA024/D
NBXSBA024, NBXSBB024,
NBXMBB024
2.5 V / 3.3 V, 622.08 MHz
LVPECL Clock Oscillator
The single frequency, crystal oscillator (XO) is designed to meet
today’s requirements for 2.5 V / 3.3 V LVPECL clock generation
applications. The device uses a high Q fundamental crystal and Phase
Lock Loop (PLL) multiplier to provide 622.08 MHz, ultra low jitter
and phase noise LVPECL differential output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Frequency stability options available as either
±50 PPM
NBXSBA024 (Industrial Temperature Range) or
±20 PPM
NBXSBB024/NBXMBB024 (Commercial Temperature Range).
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1,000 and 100.
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.5 ps (12 kHz − 20 MHz)
Output Frequency − 622.08 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range: 2.5 V ±5% or 3.3 V ±10%
Total Frequency Stability − ±20 PPM; ±50 PPM
This is a Pb−Free Device
Applications
SONET Line Card
Networking
Optical Systems
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
NC
OE
CLK CLK
VDD
65
4
12
3
OE*
NC*
*NBXMBB024 device pintout
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXSBA024LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING DIAGRAM
NBXSBx024 = Specific Device Code
x
= A or B
y
= S or M
= NBXSBA024 (±50 PPM)
= NBXSBB024 (±20 PPM)
622.0800
= Output Frequency (MHz)
AA
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXyBx024
622.0800
AAWLYYWWG
NBXSBB024LN1TAG*
CLCC−6
(Pb−Free)
1000/
Tape & Reel
* Please contact sales office for availability
NBXSBA024LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel
NBXMBB024LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
NBXMBB024LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel


Similar Part No. - NBXMBB024LN1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXMBA024 ONSEMI-NBXMBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXMBA024LN1TAG ONSEMI-NBXMBA024LN1TAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXMBA024LNHTAG ONSEMI-NBXMBA024LNHTAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results

Similar Description - NBXMBB024LN1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXHGA053 ONSEMI-NBXHGA053 Datasheet
115Kb / 6P
   2.5/3.3 V, 50.00 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA046 ONSEMI-NBXSBA046 Datasheet
126Kb / 6P
   2.5/3.3 V, 172.50 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXHGA019 ONSEMI-NBXHGA019 Datasheet
116Kb / 6P
   2.5/3.3 V, 125.00 MHz LVPECL Clock Oscillator
April, 2010 ??Rev. 0
NBXSBA051 ONSEMI-NBXSBA051 Datasheet
263Kb / 6P
   2.5/3.3 V, 533.33 MHz LVPECL Clock Oscillator
July, 2011 ??Rev. 0
NBXSBA031 ONSEMI-NBXSBA031 Datasheet
126Kb / 6P
   2.5/3.3 V, 340.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 3
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com