Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24M01LI-G Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT24M01LI-G
Description  1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24M01LI-G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT24M01LI-G Datasheet HTML 4Page - ON Semiconductor CAT24M01LI-G Datasheet HTML 5Page - ON Semiconductor CAT24M01LI-G Datasheet HTML 6Page - ON Semiconductor CAT24M01LI-G Datasheet HTML 7Page - ON Semiconductor CAT24M01LI-G Datasheet HTML 8Page - ON Semiconductor CAT24M01LI-G Datasheet HTML 9Page - ON Semiconductor CAT24M01LI-G Datasheet HTML 10Page - ON Semiconductor CAT24M01LI-G Datasheet HTML 11Page - ON Semiconductor CAT24M01LI-G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT24M01
http://onsemi.com
8
READ OPERATIONS
Immediate Address Read
In standby mode, the CAT24M01 internal address counter
points to the data byte immediately following the last byte
accessed by a previous operation. If that ‘previous’ byte was
the last byte in memory, then the address counter will point
to the 1st memory byte, etc.
When, following a START, the CAT24M01 is presented
with a Slave address containing a ‘1’ in the R/W bit position
(Figure 10), it will acknowledge (ACK) in the 9th clock cycle,
and will then transmit data being pointed at by the internal
address counter. The Master can stop further transmission by
issuing a NoACK, followed by a STOP condition.
Selective Read
The Read operation can also be started at an address
different from the one stored in the internal address counter.
The address counter can be initialized by performing a
‘dummy’ Write operation (Figure 11). Here the START is
followed by the Slave address (with the R/W bit set to ‘0’)
and the desired two byte address. Instead of following up
with data, the Master then issues a 2nd START, followed by
the ‘Immediate Address Read’ sequence, as described
earlier.
Sequential Read
If the Master acknowledges the 1st data byte transmitted
by the CAT24M01, then the device will continue
transmitting as long as each data byte is acknowledged by
the Master (Figure 12). If the end of memory is reached
during sequential Read, then the address counter will
‘wrap−around’ to the beginning of memory, etc. Sequential
Read works with either ‘Immediate Address Read’ or
‘Selective Read’, the only difference being the starting byte
address.
Figure 10. Immediate Address Read Timing
SCL
SDA
8th Bit
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 11. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
S
T
A
R
T
SLAVE
S
A
C
K
S
T
A
R
T
P
S
T
O
P
BYTE ADDRESS
ADDRESS
N
O
A
C
K
DATA
BUS ACTIVITY:
MASTER
SDA LINE
a15 − a8
a7 − a0
Figure 12. Sequential Read Timing
S
T
O
P
P
SLAVE
ADDRESS
A
C
K
N
O
A
C
K
DATA n
BUS ACTIVITY:
MASTER
SDA LINE
A
C
K
DATA n+1
DATA n+2
A
C
K
A
C
K
DATA n+x


Similar Part No. - CAT24M01LI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24M01LI-G ONSEMI-CAT24M01LI-G Datasheet
179Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 3
More results

Similar Description - CAT24M01LI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512 Datasheet
179Kb / 15P
   512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
May, 2011 ??Rev. 1
CAT24M01_1110 ONSEMI-CAT24M01_1110 Datasheet
185Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2011 ??Rev. 2
CAT24M01HU5I-GT3 ONSEMI-CAT24M01HU5I-GT3 Datasheet
179Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 3
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256YI-G ONSEMI-CAT24C256YI-G Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com