Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4682DMU33TCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP4682DMU33TCG
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DMU33TCG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP4682DMU33TCG Datasheet HTML 4Page - ON Semiconductor NCP4682DMU33TCG Datasheet HTML 5Page - ON Semiconductor NCP4682DMU33TCG Datasheet HTML 6Page - ON Semiconductor NCP4682DMU33TCG Datasheet HTML 7Page - ON Semiconductor NCP4682DMU33TCG Datasheet HTML 8Page - ON Semiconductor NCP4682DMU33TCG Datasheet HTML 9Page - ON Semiconductor NCP4682DMU33TCG Datasheet HTML 10Page - ON Semiconductor NCP4682DMU33TCG Datasheet HTML 11Page - ON Semiconductor NCP4682DMU33TCG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCP4682, NCP4685
http://onsemi.com
8
TYPICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
−40
−20
0
2040
6080
TJ, JUNCTION TEMPERATURE (°C)
Figure 21. Supply Current vs. Temperature,
2.8 V Version
VIN = 3.8 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TJ, JUNCTION TEMPERATURE (°C)
Figure 22. Supply Current vs. Temperature,
3.3 V Version
VIN = 4.3 V
−40
−20
0
20
406080
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
012
34
5
VIN, INPUT VOLTAGE (V)
IOUT = 100 mA
30 mA
1 mA
Figure 23. Output Voltage vs. Input Voltage,
1.2 V Version
50 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
34
5
VIN, INPUT VOLTAGE (V)
Figure 24. Output Voltage vs. Input Voltage,
2.5 V Version
IOUT = 100 mA
30 mA
1 mA
50 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
123
45
VIN, INPUT VOLTAGE (V)
Figure 25. Output Voltage vs. Input Voltage,
2.8 V Version
IOUT = 100 mA
30 mA
1 mA
50 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
12345
VIN, INPUT VOLTAGE (V)
Figure 26. Output Voltage vs. Input Voltage,
3.3 V Version
IOUT = 100 mA
30 mA
1 mA
50 mA


Similar Part No. - NCP4682DMU33TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DMU33TCG ONSEMI-NCP4682DMU33TCG Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DMU33TCG ONSEMI-NCP4682DMU33TCG Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682DMU33TCG ONSEMI-NCP4682DMU33TCG Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4682DMU33TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com