Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4686DSN18T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4686DSN18T1G
Description  400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4686DSN18T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4686DSN18T1G Datasheet HTML 1Page - ON Semiconductor NCP4686DSN18T1G Datasheet HTML 2Page - ON Semiconductor NCP4686DSN18T1G Datasheet HTML 3Page - ON Semiconductor NCP4686DSN18T1G Datasheet HTML 4Page - ON Semiconductor NCP4686DSN18T1G Datasheet HTML 5Page - ON Semiconductor NCP4686DSN18T1G Datasheet HTML 6Page - ON Semiconductor NCP4686DSN18T1G Datasheet HTML 7Page - ON Semiconductor NCP4686DSN18T1G Datasheet HTML 8Page - ON Semiconductor NCP4686DSN18T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 0
1
Publication Order Number:
NCP4686/D
NCP4686
400 mA, High Accuracy,
Low Input Voltage, Low
Dropout Regulator
The NCP4686 is CMOS Linear voltage regulators with 400 mA
output current capability. The device has very high output voltage
accuracy, low supply current and low ON−resistance transistor. The
NCP4686 is easy to use and includes output current fold−back
protection and a fully integrated constant slope circuit as a soft−start
circuit. Due to it inrush current is minimized and no output voltage
overshoots are there. A Chip Enable function is included to save
power by lowering supply current.
Features
Operating Input Voltage Range: 1.0 V to 3.6 V
Output Voltage Range: 0.7 V to 1.8 V (available in 0.1 V steps)
Output Voltage Accuracy: ±0.8% (VOUT ≥ 1.0 V, TA= 25°C)
Supply Current: 48 mA
Dropout Voltage: 0.22 V (VOUT = 1.5 V)
Line Regulation: 0.1%/V Typ.
Ripple Rejection: Typ. 60 dB (f = 10 kHz)
Stable with Ceramic Capacitors: 1 mF or more
Current Fold Back Protection
Build−in Constant Slope Circuit
Available in XDFN6 1.2 x 1.2 mm, SC−70, SOT23 Packages
These are Pb−Free Devices
Typical Applications
Battery−powered Equipment
Networking and Communication Equipment
Cameras, DVRs, STB and Camcorders
Home Appliances
Figure 1. Typical Application Schematics
VIN
VOUT
CE
GND
VIN
VOUT
NCP4686x
C1
1m
C2
1m
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SC−70
CASE 419A
XX, XXX, XXXX = Specific Device Code
M, MM
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
(*Note: Microdot may be in either location)
XXX
XMM
SOT−23−5
CASE 1212
XXX
M
XDFN6
CASE 711AA
XX
MM


Similar Part No. - NCP4686DSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX10TCG ONSEMI-NCP4680DMX10TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX12TCG ONSEMI-NCP4680DMX12TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX15TCG ONSEMI-NCP4680DMX15TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX18TCG ONSEMI-NCP4680DMX18TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results

Similar Description - NCP4686DSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
logo
Infineon Technologies A...
TLE4254 INFINEON-TLE4254 Datasheet
473Kb / 21P
   High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18
logo
Analog Devices
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com