Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4686DSN08T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4686DSN08T1G
Description  400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4686DSN08T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4686DSN08T1G Datasheet HTML 1Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 2Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 3Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 4Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 5Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 6Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 7Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 8Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCP4686
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN6 1.2 x 1.2 mm
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 0.1 mF, unless otherwise noted. Typical
values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.0
3.6
V
Output Voltage
TA = +25 °C
VOUT ≥ 1.0 V
VOUT
x0.992
x1.008
V
VOUT < 1.0 V
−8
8
mV
−40°C ≤ TA ≤ 85°C
VOUT ≥ 1.0 V
x0.983
x1.017
V
VOUT < 1.0 V
−17
17
mV
Output Voltage Temp. Coefficient
−40°C ≤ TA ≤ 85°C
ΔVOUT /
ΔTA
±60
ppm/°C
Line Regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 3.6 V, VIN
1.3 V
LineReg
0.10
0.25
%/V
Load Regulation
IOUT = 1 mA to 400 mA
LoadReg
25
45
mV
Dropout Voltage
IOUT = 400 mA
0.7 V ≤ VOUT <
0.8 V
VDO
0.48
0.62
V
0.8 V ≤ VOUT <
0.9 V
0.40
0.54
0.9 V ≤ VOUT <
1.0 V
0.36
0.47
1.0 V ≤ VOUT <
1.2 V
0.32
0.45
1.2 V ≤ VOUT <
1.5 V
0.28
0.38
1.5 V ≤ VOUT
0.22
0.31
Output Current
IOUT
400
mA
Short Current Limit
VOUT = 0 V
ISC
110
mA
Quiescent Current
IQ
48
75
mA
Standby Current
VCE = 0 V, TA = 25°C
ISTB
0.1
8.0
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
0.9
V
CE Input Voltage “L”
VCEL
0.4
Power Supply Rejection Ratio
VIN = VOUT + 1.0 V, ΔVIN = 0.2 Vpk−pk,
IOUT = 30 mA, f = 10 kHz
PSRR
60
dB
Output Noise Voltage
f = 10 Hz to 100 kHz, VOUT = 0.7 V,
IOUT = 30 mA
VN
30
mVrms
Low Output N−channel Tr. On
Resistance
VIN = 2 V, VCE = 0 V, NCP4686D only
RLOW
43
W


Similar Part No. - NCP4686DSN08T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX10TCG ONSEMI-NCP4680DMX10TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX12TCG ONSEMI-NCP4680DMX12TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX15TCG ONSEMI-NCP4680DMX15TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX18TCG ONSEMI-NCP4680DMX18TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results

Similar Description - NCP4686DSN08T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
logo
Infineon Technologies A...
TLE4254 INFINEON-TLE4254 Datasheet
473Kb / 21P
   High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18
logo
Analog Devices
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com