Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMS4916NR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMS4916NR2G
Description  Power MOSFET 30 V, 11.6 A, N?묬hannel, SO?? Low RDS(on) to Minimize Conduction Losses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS4916NR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NTMS4916NR2G Datasheet HTML 1Page - ON Semiconductor NTMS4916NR2G Datasheet HTML 2Page - ON Semiconductor NTMS4916NR2G Datasheet HTML 3Page - ON Semiconductor NTMS4916NR2G Datasheet HTML 4Page - ON Semiconductor NTMS4916NR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTMS4916N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
16
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 30 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
1.7
2.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
5
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 12 A
6.75
9.0
mW
VGS = 4.5 V, ID = 10 A
9.0
12
Forward Transconductance
gFS
VDS = 1.5 V, ID = 7.5 A
23
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz, VDS = 25 V
1376
pF
Output Capacitance
Coss
401
Reverse Transfer Capacitance
Crss
205
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V, ID = 7.5 A
15
nC
Threshold Gate Charge
QG(TH)
2.44
Gate−to−Source Charge
QGS
4
Gate−to−Drain Charge
QGD
6.5
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V, ID = 7.5 A
28
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(on)
VGS = 10 V, VDS = 15 V,
ID = 1.0 A, RG = 6.0 W
9.4
ns
Rise Time
tr
7.4
Turn−Off Delay Time
td(off)
32
Fall Time
tf
15.6
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 2.0 A
TJ = 25°C
0.740
1.0
V
TJ = 125°C
0.570
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 2.0 A
30.7
ns
Charge Time
ta
14.3
Discharge Time
tb
16.4
Reverse Recovery Charge
QRR
20
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA = 25°C
0.66
nH
Drain Inductance
LD
0.2
Gate Inductance
LG
1.5
Gate Resistance
RG
0.77
W
3. Pulse Test: pulse width = 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMS4916NR2G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTMS4916NR2G VBSEMI-NTMS4916NR2G Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
NTMS4916NR2G UMW-NTMS4916NR2G Datasheet
404Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - NTMS4916NR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4917N ONSEMI-NTMS4917N Datasheet
114Kb / 5P
   Power MOSFET 30 V, 10.5 A, N?묬hannel, SO?? Low RDS(on) to Minimize Conduction Losses
April, 2011 ??Rev. 0
NTMD5838NL ONSEMI-NTMD5838NL Datasheet
116Kb / 6P
   Power MOSFET 30 V, 11.6 A, N?묬hannel, SO?? Optimized Gate Charge
April, 2011 ??Rev. 0
NTMS4801N ONSEMI-NTMS4801N Datasheet
140Kb / 5P
   Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4873NF ONSEMI-NTMS4873NF Datasheet
120Kb / 6P
   Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
   Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4872N ONSEMI-NTMS4872N Datasheet
118Kb / 5P
   Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2
NTMS4939N ONSEMI-NTMS4939N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4920N ONSEMI-NTMS4920N Datasheet
137Kb / 5P
   Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com