Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA505B Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TCA505B
Description  IC for Inductive Proximity Switches with Short-Circuit Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA505B Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TCA505B Datasheet HTML 6Page - Siemens Semiconductor Group TCA505B Datasheet HTML 7Page - Siemens Semiconductor Group TCA505B Datasheet HTML 8Page - Siemens Semiconductor Group TCA505B Datasheet HTML 9Page - Siemens Semiconductor Group TCA505B Datasheet HTML 10Page - Siemens Semiconductor Group TCA505B Datasheet HTML 11Page - Siemens Semiconductor Group TCA505B Datasheet HTML 12Page - Siemens Semiconductor Group TCA505B Datasheet HTML 13Page - Siemens Semiconductor Group TCA505B Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Semiconductor Group
10
TCA 505 BG
Characteristics
4 V
VS 40 V; TA = – 40 to 110 ˚C
Parameter
Symbol
min.
typ.
max.
Unit
Test
Circuit
Power Supply (VS)
Oscillator (LC, RDi)
Demodulator, Threshold Switch (CI, RHy)
Reference Voltage (VREF); Base Output Transistors
Current consumption
Normal mode (S1 = S2 = OFF)
Two-wire operation
S1 = ON, S2 = OFF
4 V
VS 12 V
IS
IS
550
625
740
840
µA
µA
1
1
Turn-ON threshold
(outputs active)
S1 = OFF
VTON1
3.64
4
V
1
Turn-OFF threshold
(outputs disabled)
S1 = OFF
VTOFF1
3.0
3.6
V
1
Hysteresis VTON1 – VTOFF1
S1 = OFF
VHy1
40
mV
1
Oscillator frequency
fOSC
3
MHz
1
Oscillator amplitude
AOSC
0.8
Vpp
1
Threshold on CI
VCI
2V
1
Hysteresis on CI
VHyCI
0.8
V
1
Current in CI
ICI
7
µA1
Current from CI
– ICI
6
µA1
Switching frequency
CI < 50 pF
fS
5
kHz
1
(L = 70
µH)
Reference voltage
IREF = 0 to 100
µA
VREF
2.65
2.9
3.10
V
Offset voltage VB = VQ2, 4
VB = VREF; IQ2, 4 = 5 mA
VOB
110
155
mV
1
Limit Values


Similar Part No. - TCA505B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA505B SIEMENS-TCA505B Datasheet
836Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG SIEMENS-TCA505BG Datasheet
836Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
More results

Similar Description - TCA505B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA505BG SIEMENS-TCA505BG Datasheet
836Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA705 SIEMENS-TCA705 Datasheet
357Kb / 13P
   IC for inductive Proximity Switches with 0.5 A Output Stage
logo
Pepperl+Fuchs Inc.
NJ20-40-A2 PF-NJ20-40-A2 Datasheet
37Kb / 1P
   Inductive proximity switches
NBB5-18GM50-E2-10M PF-NBB5-18GM50-E2-10M Datasheet
140Kb / 1P
   Inductive proximity switches
2019-09-04
NJ3-V3-N-Y30018 PF-NJ3-V3-N-Y30018 Datasheet
72Kb / 2P
   Inductive proximity switches
NJ2-12GM40-E2-V1-Y37715 PF-NJ2-12GM40-E2-V1-Y37715 Datasheet
118Kb / 1P
   Inductive proximity switches
NJ10-30GK50-E2-5M PF-NJ10-30GK50-E2-5M Datasheet
77Kb / 1P
   Inductive proximity switches
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
   Inductive Proximity Sensor IC
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com