Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTTFS4930N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTTFS4930N
Description  Power MOSFET 30 V, 23 A, Single N?묬hannel, 8FL Notebook Battery Management
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS4930N Datasheet(HTML) 3 Page - ON Semiconductor

  NTTFS4930N Datasheet HTML 1Page - ON Semiconductor NTTFS4930N Datasheet HTML 2Page - ON Semiconductor NTTFS4930N Datasheet HTML 3Page - ON Semiconductor NTTFS4930N Datasheet HTML 4Page - ON Semiconductor NTTFS4930N Datasheet HTML 5Page - ON Semiconductor NTTFS4930N Datasheet HTML 6Page - ON Semiconductor NTTFS4930N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTTFS4930N
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(on)
VGS = 10 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
4.6
ns
Rise Time
tr
17.6
Turn−Off Delay Time
td(off)
13.3
Fall Time
tf
2.5
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 20 A
TJ = 25°C
0.97
1.2
V
TJ = 125°C
0.89
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 20 A
15.3
ns
Charge Time
ta
7.4
Discharge Time
tb
7.9
Reverse Recovery Charge
QRR
4.6
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA = 25°C
0.38
nH
Drain Inductance
LD
0.054
Gate Inductance
LG
1.3
Gate Resistance
RG
0.6
W
5. Pulse Test: pulse width = 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTTFS4930N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS4930N ONSEMI-NTTFS4930N Datasheet
126Kb / 7P
   Power MOSFET
July, 2012 ??Rev. 2
NTTFS4930NTAG ONSEMI-NTTFS4930NTAG Datasheet
126Kb / 7P
   Power MOSFET
July, 2012 ??Rev. 2
NTTFS4930NTWG ONSEMI-NTTFS4930NTWG Datasheet
126Kb / 7P
   Power MOSFET
July, 2012 ??Rev. 2
NTTFS4930N ONSEMI-NTTFS4930N_12 Datasheet
126Kb / 7P
   Power MOSFET
July, 2012 ??Rev. 2
More results

Similar Description - NTTFS4930N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS4937N ONSEMI-NTTFS4937N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTTFS4929N ONSEMI-NTTFS4929N Datasheet
153Kb / 7P
   Power MOSFET 30 V, 34 A, Single N?묬hannel, 8FL
May, 2011 ??Rev. 0
NTTFS4823N ONSEMI-NTTFS4823N Datasheet
138Kb / 6P
   Power MOSFET 30 V, 50 A, Single N?묬hannel, 8FL
June, 2009 ??Rev. 2
NTTFS4939N ONSEMI-NTTFS4939N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTTFS4C05NTAG ONSEMI-NTTFS4C05NTAG Datasheet
122Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel,8FL
December, 2012 ??Rev. 1
NTTFS4932N ONSEMI-NTTFS4932N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 79 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4941N ONSEMI-NTTFS4941N Datasheet
143Kb / 7P
   Power MOSFET 30 V, 46 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4840N ONSEMI-NTTFS4840N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 26 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4943N ONSEMI-NTTFS4943N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 41 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4945N ONSEMI-NTTFS4945N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 34 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com