Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUL54ASMD Datasheet(PDF) 2 Page - Seme LAB

Part # BUL54ASMD
Description  ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUL54ASMD Datasheet(HTML) 2 Page - Seme LAB

  BUL54ASMD Datasheet HTML 1Page - Seme LAB BUL54ASMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
500
1000
10
100
10
100
10
100
20
40
12
18
58
47
0.05
0.1
0.15
0.2
0.3
0.5
0.8
1.0
0.9
1.1
0.8
1.0
20
20
35
0.8
0.08
0.2
24
0.04
0.1
V
mA
mA
mA
V
V
V
MHz
pF
A
ms
Prelim. 7/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
BUL54ASMD
IC = 100mA
IC = 1mA
IE = 1mA
IC = 0
IB = 0
VCC = 500V
IE = 0
VCB = 1000V
TC = 125°C
IC = 0
VEB = 5V
TC = 125°C
IC = 100mA
VCE = 4V
IC = 500mA
VCE = 4V
IC = 1A
VCE = 4V
TC = 125°C
IC = 100mA
IB = 20mA
IC = 500mA
IB = 100mA
IC = 1A
IB = 200mA
IC = 500mA
IB = 100mA
IC = 1A
IB = 200mA
IC = 500mA
VCE = 4V
IC = 100mAVCE = 4V
f = 10MHz
VCB = 20V
f = 1MHz
IE = 0
VCE = 50V
t = 1s
VCC = 150V
IC = 1A
IB1 = 0.2A
IB2 = –0.4A
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector – Emitter Sustaining Voltage
Collector – Base Breakdown Voltage
Emitter – Base Breakdown Voltage
Collector – Emitter Cut–Off Current
Collector – Base Cut–Off Current
Emitter Cut–Off Current
DC Current Gain
Collector – Emitter Saturation Voltage
Base – Emitter Saturation Voltage
Base – Emitter On Voltage
Transition Frequency
Output Capacitance
Second Breakdown Collector Current
On Time
Storage Time
Fall Time
* Pulse test tp = 300ms , d £ 2%
VCEO(sus)*
V(BR)CBO*
V(BR)EBO*
ICEO*
ICBO*
IEBO*
hFE*
VCE(sat)*
VBE(sat)*
VBE(on)*
fT
Cob
IS/B
ton
ts
tf
ELECTRICAL CHARACTERISTICS
DYNAMIC CHARACTERISTICS
SECOND BREAKDOWN
SWITCHING CHARACTERISTICS (resistive load)


Similar Part No. - BUL54ASMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUL54A SEME-LAB-BUL54A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL54A-TO5 SEME-LAB-BUL54A-TO5 Datasheet
143Kb / 3P
   SILICON POWER NPN TRANSISTOR
logo
TT Electronics.
BUL54A-TO5 TTELEC-BUL54A-TO5 Datasheet
143Kb / 3P
   SILICON POWER NPN TRANSISTOR
logo
Seme LAB
BUL54AFI SEME-LAB-BUL54AFI Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
More results

Similar Description - BUL54ASMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUL54A SEME-LAB-BUL54A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL54B SEME-LAB-BUL54B Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL55A SEME-LAB-BUL55A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL55B SEME-LAB-BUL55B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL58A SEME-LAB-BUL58A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL62B SEME-LAB-BUL62B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL74B SEME-LAB-BUL74B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL76A SEME-LAB-BUL76A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL49A SEME-LAB-BUL49A Datasheet
16Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL52BFI SEME-LAB-BUL52BFI Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL53A SEME-LAB-BUL53A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com