Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4682DSQ25T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4682DSQ25T1G
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DSQ25T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4682DSQ25T1G Datasheet HTML 1Page - ON Semiconductor NCP4682DSQ25T1G Datasheet HTML 2Page - ON Semiconductor NCP4682DSQ25T1G Datasheet HTML 3Page - ON Semiconductor NCP4682DSQ25T1G Datasheet HTML 4Page - ON Semiconductor NCP4682DSQ25T1G Datasheet HTML 5Page - ON Semiconductor NCP4682DSQ25T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVTFS5820NL
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
1600
1800
0
102030
40
50
60
Figure 7. Capacitance Variation
DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
0
2
4
6
8
10
0
5
10
15
20
25
30
Figure 8. Gate−to−Source Voltage vs. Total
Charge
Qg, TOTAL GATE CHARGE (nC)
VDS = 48 V
ID = 10 A
TJ = 25°C
QT
Qgs
Qgd
1
10
100
1000
1
10
100
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
VDD = 48 V
ID = 10 A
VGS = 4.5 V
td(off)
td(on)
tf
tr
0
10
20
30
40
0.5
0.6
0.7
0.8
0.9
1.0
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
TJ = 25°C
VGS = 0 V
0.1
1
10
100
1000
0.1
1
10
100
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAISN VOLTAGE (V)
VGS = 10 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
100 ms
10 ms
1 ms
dc
10 ms
0
10
20
30
40
60
25
50
75
100
125
150
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
50
175
ID = 37 A


Similar Part No. - NCP4682DSQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DSQ25T1G ONSEMI-NCP4682DSQ25T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DSQ25T1G ONSEMI-NCP4682DSQ25T1G Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DSQ25T1G ONSEMI-NCP4682DSQ25T1G Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4682DSQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com