Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM9118EXK+T Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TSM9118EXK+T
Description  1.6V Nanopower Comparators with/without Internal References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9118EXK+T Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TSM9118EXK+T Datasheet HTML 1Page - Touchstone Semiconductor Inc TSM9118EXK+T Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM9118EXK+T Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9118EXK+T Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9118EXK+T Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9118EXK+T Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9118EXK+T Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9118EXK+T Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9118EXK+T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TSM9117-TSM9120
TSM9117_20DS r1p0
Page 5
RTFDS
TSM9119/9120 Supply Current
vs Output Transition Frequency
TSM9117/9118 Supply Current
vs Output Transition Frequency
TSM9117/9118 Supply Current vs Temperature
TSM9119/9120 Supply Current vs Temperature
TSM9119/9120 Supply Current
vs Supply Voltage and Temperature
TSM9117/9118 Supply Current vs
Supply Voltage and Temperature
SUPPLY VOLTAGE - Volt
SUPPLY VOLTAGE - Volt
OUTPUT TRANSITION FREQUENCY - Hz
TEMPERATURE - °C
VCC =+1.8V
OUTPUT TRANSITION FREQUENCY- Hz
TA = +25°C
TA = +85°C
TA = -40°C
0.45
0.65
0.75
1.05
1.25
1
0.8
0.6
0.2
2.5
4.5
1.5
5.5
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
TA = +25°C
TA = +85°C
TA = -40°C
TEMPERATURE - °C
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +5V; VEE = 0V; CL = 15pF; VOVERDRIVE = 100mV; TA = +25°C, unless otherwise noted.
-40
-15
10
35
85
60
-40
-15
10
35
85
60
0.55
0.85
1.15
0.95
3.5
0.4
0.7
0.9
0.5
0.6
0.8
1
0.4
0.7
1.1
0.9
1
0.8
0.6
0.4
0.5
0.7
0.9
5
10
20
30
0
15
35
25
5
10
20
30
0
15
35
25
1
10
100
10k
1k
1
10
100
10k
1k
2.5
4.5
1.5
5.5
3.5
0.5
0.3
0.2
0.3


Similar Part No. - TSM9118EXK+T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9118 SILABS-TSM9118 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
More results

Similar Description - TSM9118EXK+T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com