Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7511W Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7511W
Description  165 MHz, High Performance HDMI Transmitter 3D video support
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7511W Datasheet(HTML) 3 Page - Analog Devices

  ADV7511W Datasheet HTML 1Page - Analog Devices ADV7511W Datasheet HTML 2Page - Analog Devices ADV7511W Datasheet HTML 3Page - Analog Devices ADV7511W Datasheet HTML 4Page - Analog Devices ADV7511W Datasheet HTML 5Page - Analog Devices ADV7511W Datasheet HTML 6Page - Analog Devices ADV7511W Datasheet HTML 7Page - Analog Devices ADV7511W Datasheet HTML 8Page - Analog Devices ADV7511W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADV7511W
Rev. 0 | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Test Conditions/
Comments
Temp
Test
Level1
Min
Typ
Max
Unit
DIGITAL INPUTS
Data Inputs—Video and Audio, CEC_CLK
Input Voltage, High (VIH)
Full
VI
1.35
3.5
V
Input Voltage, Low (VIL)
Full
VI
−0.3
+0.7
V
Input Capacitance
25°C
VIII
1.0
1.5
pF
I2C Lines (DDCSDA, DDCSCL, SDA, SCL)
Input Voltage, High (VIH)
Full
VI
1.19
5.5
V
Input Voltage, Low (VIL)
Full
VI
−0.3
+0.8
V
CEC
Input Voltage, High (VIH)
Full
VI
2.0
5.5
V
Input Voltage, Low (VIL)
Full
VI
−0.3
+0.8
V
Output Voltage, High (VOH)
Full
VI
2.5
3.63
V
Output Voltage, Low (VOL)
Full
VI
−0.3
+0.6
V
HPD
Input Voltage, High (VIH)
Full
VI
1.3
5.5
V
Input Voltage, Low (VIL)
Full
VI
−0.3
+0.8
V
THERMAL CHARACTERISTICS
Thermal Resistance
θJC Junction-to-Case
Full
V
20
°C/W
θJA Junction-to-Ambient
Full
V
43
°C/W
Ambient Temperature
Full
V
−40
+25
+105
°C
DC SPECIFICATIONS
Input Leakage Current (IIL)
25°C
VI
−1
+1
μA
POWER SUPPLY
1.8 V Supply Voltage (DVDD, AVDD,
PVDD, BGVDD)
Full
IV
1.71
1.8
1.90
V
3.3 V Supply Voltage (DVDD_3V)
Full
3.15
3.3
3.45
V
Power-Down Current
25°C
100
μA
Transmitter Total Power (1.8 V Power =
200 mW and 3.3 V Power = 1 mW)
1080p, 24 bit, typical
random pattern
Full
VI
201
mW
AC SPECIFICATIONS
TMDS Output Clock Frequency
25°C
IV
20
165
MHz
TMDS Output Clock Duty Cycle
25°C
IV
48
52
%
Input Video Clock Frequency
Full
165
MHz
Input Video Data Setup Time (tVSU)2
Full
IV
1.8
ns
Input Video Data Hold Time (tVHLD)2
Full
IV
1.3
ns
TMDS Differential Swing
25°C
VII
900
1100
1200
mV
Differential Output Timing
Low-to-High Transition Time
25°C
VII
75
95
ps
High-to-Low Transition Time
25°C
VII
75
95
ps
VSYNC and HSYNC Delay
From DE Falling Edge
25°C
IV
1
UI3
To DE Rising Edge
25°C
IV
1
UI3


Similar Part No. - ADV7511W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511WBSWZ AD-ADV7511WBSWZ Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511WBSWZ-RL AD-ADV7511WBSWZ-RL Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
More results

Similar Description - ADV7511W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389 AD-AD9389 Datasheet
908Kb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com