Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFX40 Datasheet(PDF) 3 Page - Seme LAB

Part # BFX40
Description  PNP SILICON EPITAXIAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX40 Datasheet(HTML) 3 Page - Seme LAB

  BFX40 Datasheet HTML 1Page - Seme LAB BFX40 Datasheet HTML 2Page - Seme LAB BFX40 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = -50mA
VCE = -10V
f =100MHz
IC = 0
VEB = -0.5V
f =1MHz
IE = 0
VCB = -10V
f =1MHz
IC = - 500mA
VCC = -30V
IB1 = -50mA
IC = - 500mA
VCC = - 30V
IB1 = - IB2 = -50mA
IC = - 500mA
VCC = - 30V
IB1 = - IB2 = -50mA
BFX38
BFX39
BFX40
BFX41
Prelim.9/00
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
THERMAL CHARACTERISTICS
Rqth(j-case) Thermal Resistance Junction to case
44
°C/W
Rqth(j-amb) Thermal Resistance Junction to ambient
219
°C/W
Transitions Frequency
Emitter - Base Capacitance
Collector - Base Capacitance
Turn-on time
Storage Time
Fall Time
100
150
75
120
15
20
33
100
160
350
27
50
MHz
pF
ns
fT
CEBO
CCBO
ton
ts
tf
* Pulsed: pulse duration = 300
ms, duty cycle = 1%


Similar Part No. - BFX40

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFX40 SEME-LAB-BFX40 Datasheet
47Kb / 3P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX40 NJSEMI-BFX40 Datasheet
91Kb / 3P
   PNP SILICON EPITAXIAL
More results

Similar Description - BFX40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com