Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP194 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP194
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194 Datasheet(HTML) 5 Page - Analog Devices

  ADP194 Datasheet HTML 1Page - Analog Devices ADP194 Datasheet HTML 2Page - Analog Devices ADP194 Datasheet HTML 3Page - Analog Devices ADP194 Datasheet HTML 4Page - Analog Devices ADP194 Datasheet HTML 5Page - Analog Devices ADP194 Datasheet HTML 6Page - Analog Devices ADP194 Datasheet HTML 7Page - Analog Devices ADP194 Datasheet HTML 8Page - Analog Devices ADP194 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADP194
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN
VOUT
12
EN
A
B
GND
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VIN
Input Voltage.
B1
EN
Enable Input. Drive EN high to turn on the switch; drive EN low to turn off the switch.
A2
VOUT
Output Voltage.
B2
GND
Ground.


Similar Part No. - ADP194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP190 AD-ADP190 Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
ADP190ACBZ-R7 AD-ADP190ACBZ-R7 Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
ADP190CB-EVALZ AD-ADP190CB-EVALZ Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
ADP191ACBZ-R7 AD-ADP191ACBZ-R7 Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
ADP191CB-EVALZ AD-ADP191CB-EVALZ Datasheet
642Kb / 16P
   Logic Controlled, High-Side Power Switches
REV. D
More results

Similar Description - ADP194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
   Logic controlled high-side power switch
Rev. 1-7 July 2015
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
   Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
   Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
   Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
   Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
   Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
   Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com