Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME-2418SH30Z Datasheet(PDF) 1 Page - Make-Ps

Part # PME-2418SH30Z
Description  0.25 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

PME-2418SH30Z Datasheet(HTML) 1 Page - Make-Ps

  PME-2418SH30Z Datasheet HTML 1Page - Make-Ps PME-2418SH30Z Datasheet HTML 2Page - Make-Ps PME-2418SH30Z Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series PME-S-Z
0.25 Watt | DC-DC Converter
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
PME-0503SZ
4.5-5.5
3.3
75.7
1000
66
PME-0505SZ
4.5-5.5
5
50
1000
66
PME-0507SZ
4.5-5.5
7.2
34.72
1000
66
PME-0509SZ
4.5-5.5
9
27.77
1000
68
PME-0512SZ
4.5-5.5
12
20.83
1000
68
PME-0515SZ
4.5-5.5
15
16.67
1000
68
PME-0518SZ
4.5-5.5
18
13.88
1000
68
PME-0524SZ
4.5-5.5
24
10.41
1000
70
PME-1203SZ
10.8-13.2
3.3
75.7
1000
66
PME-1205SZ
10.8-13.2
5
50
1000
67
PME-1207SZ
10.8-13.2
7.2
34.72
1000
68
PME-1209SZ
10.8-13.2
9
27.77
1000
68
PME-1212SZ
10.8-13.2
12
20.83
1000
68
PME-1215SZ
10.8-13.2
15
16.67
1000
69
PME-1218SZ
10.8-13.2
18
13.88
1000
70
PME-1224SZ
10.8-13.2
24
10.41
1000
72
PME-1505SZ
13.5 – 16.5
5
50
1000
70
PME-2403SZ
21.6-26.4
3.3
75.7
1000
67
PME-2405SZ
21.6-26.4
5
50
1000
67
PME-2407SZ
21.6-26.4
7.2
34.72
1000
67
PME-2409SZ
21.6-26.4
9
27.77
1000
69
PME-2412SZ
21.6-26.4
12
20.83
1000
69
PME-2415SZ
21.6-26.4
15
16.67
1000
69
PME-2418SZ
21.6-26.4
18
13.88
1000
69
PME-2424SZ
21.6-26.4
24
10.41
1000
69
PME-0503SH30Z
4.5-5.5
3.3
75.7
3000
66
PME-0505SH30Z
4.5-5.5
5
50
3000
66
PME-0507SH30Z
4.5-5.5
7.2
34.72
3000
66
PME-0509SH30Z
4.5-5.5
9
27.77
3000
68
PME-0512SH30Z
4.5-5.5
12
20.83
3000
68
PME-0515SH30Z
4.5-5.5
15
16.67
3000
68
PME-0518SH30Z
4.5-5.5
18
13.88
3000
68
PME-0524SH30Z
4.5-5.5
24
10.41
3000
70
PME-1203SH30Z
10.8-13.2
3.3
75.7
3000
66
PME-1205SH30Z
10.8-13.2
5
50
3000
67
PME-1207SH30Z
10.8-13.2
7.2
34.72
3000
68
PME-1209SH30Z
10.8-13.2
9
27.77
3000
68
PME-1212SH30Z
10.8-13.2
12
20.83
3000
68
PME-1215SH30Z
10.8-13.2
15
16.67
3000
69
PME-1218SH30Z
10.8-13.2
18
13.88
3000
70
PME-1224SH30Z
10.8-13.2
24
10.41
3000
72
PME-2403SH30Z
21.6-26.4
3.3
75.7
3000
67
PME-2405SH30Z
21.6-26.4
5
50
3000
67
PME-2407SH30Z
21.6-26.4
7.2
34.72
3000
67
PME-2409SH30Z
21.6-26.4
9
27.77
3000
69
PME-2412SH30Z
21.6-26.4
12
20.83
3000
69
PME-2415SH30Z
21.6-26.4
15
16.67
3000
69
PME-2418SH30Z
21.6-26.4
18
13.88
3000
69
PME-2424SH30Z
21.6-26.4
24
10.41
3000
69
RoHS compliant
• Operating temperature -40oC to + 85oC
4 Pin SIP Package
• Input / Output isolation 1000 and 3000VDC
Low ripple and noise
• Pin compatible with multiple manufacturers
High efficiency up to 72%
www.make-ps.com
E-mail:info@make-ps.com
www.make-ps.com
E-mail:info@make-ps.com
1/3


Similar Part No. - PME-2418SH30Z

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
   3-phase KW & KWH Energy Meter
PME-1130-AE ADVANTECH-PME-1130-AE Datasheet
159Kb / 1P
   3-phase KW & KWH Energy Meter
PME-1210 ADVANTECH-PME-1210 Datasheet
166Kb / 1P
   1-phase Multifunction Power Meter
PME-1210-AE ADVANTECH-PME-1210-AE Datasheet
166Kb / 1P
   1-phase Multifunction Power Meter
PME-1210-AE ADVANTECH-PME-1210-AE Datasheet
168Kb / 1P
   1-phase Multifunction Power Meter
More results

Similar Description - PME-2418SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
logo
Bothhand USA, LP.
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM8T-Z AIMTEC-AM8T-Z_16 Datasheet
365Kb / 3P
   8 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com