Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5213BCPZ-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG5213BCPZ-RL7
Description  High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5213BCPZ-RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADG5213BCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADG5213BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADG5213BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADG5213BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADG5213BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADG5213BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5213BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5213BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5213BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG5212/ADG5213
Rev. 0 | Page 3 of 20
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V max
On Resistance, RON
160
Ω typ
VS = ±10 V, IS = −1 mA,
see Figure 24
200
250
280
Ω max
VDD = +13.5 V, VSS = −13.5 V
On-Resistance Match Between Channels, ∆RON
2
Ω typ
VS = ±10 V, IS = −1 mA
8
9
10
Ω max
On-Resistance Flatness, RFLAT(ON)
38
Ω typ
VS = ±10 V, IS = −1 mA
50
65
70
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
0.01
nA typ
VS = ±10 V, VD =
∓10 V,
see Figure 23
0.1
0.2
0.4
nA max
Drain Off Leakage, ID (Off)
0.01
nA typ
VS = ±10 V, VD =
∓10 V,
see Figure 23
0.1
0.2
0.4
nA max
Channel On Leakage, ID (On), IS (On)
0.02
nA typ
VS = VD = ±10 V, see Figure 26
0.2
0.25
0.9
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS1
tON
175
ns typ
RL = 300 Ω, CL = 35 pF
210
255
280
ns max
VS = 10 V, see Figure 30
tOFF
140
ns typ
RL = 300 Ω, CL = 35 pF
170
195
215
ns max
VS = 10 V, see Figure 30
Break-Before-Make Time Delay, tD
(ADG5213 Only)
40
ns typ
RL = 300 Ω, CL = 35 pF
20
ns min
VS1 = VS2 = 10 V, see Figure 29
Charge Injection, QINJ
0.07
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF,
see Figure 31
Off Isolation
−105
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 25
Channel-to-Channel Crosstalk
−105
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 27
−3 dB Bandwidth
435
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 28
Insertion Loss
−6.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 28
CS (Off)
3
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
5
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
8
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
45
μA typ
Digital inputs = 0 V or VDD
55
70
μA max
ISS
0.001
μA typ
Digital inputs = 0 V or VDD
1
μA max
VDD/VSS
±9/±22
V min/V max
GND = 0 V
1 Guaranteed by design; not subject to production test.


Similar Part No. - ADG5213BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BCPZ-RL7 AD-ADG5204BCPZ-RL7 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BRUZ AD-ADG5204BRUZ Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BRUZ-RL7 AD-ADG5204BRUZ-RL7 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5206 AD-ADG5206 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
More results

Similar Description - ADG5213BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Analog Devices
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com