Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMH-1215SH52Z Datasheet(PDF) 4 Page - Make-Ps

Part # PMH-1215SH52Z
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

PMH-1215SH52Z Datasheet(HTML) 4 Page - Make-Ps

  PMH-1215SH52Z Datasheet HTML 1Page - Make-Ps PMH-1215SH52Z Datasheet HTML 2Page - Make-Ps PMH-1215SH52Z Datasheet HTML 3Page - Make-Ps PMH-1215SH52Z Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pin Out Specifications
Pin
Single
1000 VDC
Dual
1000 VDC
Single
3000, 4000, 5200 & 6000 VDC
Dual
3000, 4000, 5200 & 6000 VDC
1
+ V Input
+ V Input
+ V Input
+ V Input
2
- V Input
- V Input
- V Input
- V Input
4
- V Output
- V Output
No pin
No pin
5
No pin
Common
- V Output
- V Output
6
+ V Output
+ V Output
No pin
Common
7
No pin
No pin
+ V Output
+ V Output
Dimensions:
5. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which
necessitate specific safety and regulatory standards other the ones listed in this datasheet.
4/4
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - PMH-1215SH52Z

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V200WCBX DELTA-PMH-24V200WCBX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V50WCAX DELTA-PMH-24V50WCAX Datasheet
2Mb / 13P
   Full corrosion resistant aluminium casing
More results

Similar Description - PMH-1215SH52Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com