Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMH-0505SH52Z Datasheet(PDF) 3 Page - Make-Ps

Part # PMH-0505SH52Z
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

PMH-0505SH52Z Datasheet(HTML) 3 Page - Make-Ps

  PMH-0505SH52Z Datasheet HTML 1Page - Make-Ps PMH-0505SH52Z Datasheet HTML 2Page - Make-Ps PMH-0505SH52Z Datasheet HTML 3Page - Make-Ps PMH-0505SH52Z Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
24
21.6-26.4
Filter
Capacitor
Turn on Transient process time
25
ms
Start up time
200
ms
Absolute Maximum Rating
5 Vin
0-7
VDC
12 Vin
0-15
24 Vin
0-28
Peak Input Voltage time
100
ms
Input reflected Ripple current
With 12µH inductance
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1000, 3000, 4000, 5200 & 6000
VDC
Resistance
> 1000
MOhm
Capacitance
10
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Voltage balance (Dual Output model)
Balanced Load
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation
load 20~100%
±10
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p
Rising time
50
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load, variable
80
KHz
Operating temperature
Full load without derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
+100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic UL 94 V-0
Weight
2.3
g
Dimensions (L x W x H)
0.76 x 0.24 x 0.37 inch
19.50 x 6.00 x 9.50 mm
MTBF
>1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Parameters
Safety
NOTE: designed to meet IEC 60950-1
3/4
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - PMH-0505SH52Z

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V200WCBX DELTA-PMH-24V200WCBX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V50WCAX DELTA-PMH-24V50WCAX Datasheet
2Mb / 13P
   Full corrosion resistant aluminium casing
More results

Similar Description - PMH-0505SH52Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com