Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADATE318BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADATE318BCPZ
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADATE318BCPZ Datasheet HTML 2Page - Analog Devices ADATE318BCPZ Datasheet HTML 3Page - Analog Devices ADATE318BCPZ Datasheet HTML 4Page - Analog Devices ADATE318BCPZ Datasheet HTML 5Page - Analog Devices ADATE318BCPZ Datasheet HTML 6Page - Analog Devices ADATE318BCPZ Datasheet HTML 7Page - Analog Devices ADATE318BCPZ Datasheet HTML 8Page - Analog Devices ADATE318BCPZ Datasheet HTML 9Page - Analog Devices ADATE318BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
ADATE318
Rev. 0 | Page 6 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
VIH, VIL, VIT Resolution
153
μV
D
DUTGND Voltage Accuracy
−7
±2
+7
mV
P
Over ±0.1 V range; measured at end points of VIH, VIL, and
VIT functional range
DC Levels Interaction
DC interaction on VIL, VIH, and VIT output level while other
driver DAC levels are varied
VIH vs. VIL
±0.2
mV
CT
Monitor interaction on VIH = +6.5 V; sweep VIL = −1.5 V to
+6.4 V, VIT = +1.0 V
VIH vs. VIT
±1
mV
CT
Monitor interaction on VIH = +6.5 V; sweep VIT = −1.5 V to
+6.5 V, VIL = 0.0 V
VIL vs. VIH
±0.2
mV
CT
Monitor interaction on VIL = −1.5 V; sweep VIH = −1.4 V to
+6.5 V, VIT = +1.0 V
VIL vs. VIT
±1
mV
CT
Monitor interaction on VIL = −1.5 V; sweep VIT = −1.5 V to
+6.5 V, VIH = +2.0 V
VIT vs. VIH
±1
mV
CT
Monitor interaction on VIT = +1.0 V; sweep VIH = −1.4 V to
+6.5 V, VIL = −1.5 V
VIT vs. VIL
±1
mV
CT
Monitor interaction on VIT = +1.0 V; sweep VIL = −1.5 V to
+6.4 V, VIH = +6.5 V
Overall Voltage Accuracy
±8
mV
CT
VIH − VIL ≥ 100 mV; sum of INL, dc interaction, DUTGND,
and tempco errors over ±5ºC, after calibration
VIH, VIL, VIT DC PSRR
±10
mV/V
CT
Measured at calibration points
AC SPECIFICATIONS
All ac specifications performed after calibration
Rise/Fall Times
Toggle DATx
0.2 V Programmed Swing, TRISE
215
ps
CB
20% to 80%, VIH = 0.2 V, VIL = 0.0 V, terminated
0.2 V Programmed Swing, TFALL
277
ps
CB
20% to 80%, VIH = 0.2 V, VIL = 0.0 V, terminated
0.5 V Programmed Swing, TRISE
218
ps
CB
20% to 80%, VIH = 0.5 V, VIL = 0.0 V, terminated
0.5 V Programmed Swing, TFALL
274
ps
CB
20% to 80%, VIH = 0.5 V, VIL = 0.0 V, terminated
1.0 V Programmed Swing, TRISE
150
222
320
ps
P
20% to 80%, VIH = 1.0 V, VIL = 0.0 V, terminated
1.0 V Programmed Swing, TFALL
150
283
320
ps
P
20% to 80%, VIH = 1.0 V, VIL = 0.0 V, terminated
2.0 V Programmed Swing, TRISE
297
ps
CB
20% to 80%, VIH = 2.0 V, VIL = 0.0 V, terminated
2.0 V Programmed Swing, TFALL
322
ps
CB
20% to 80%, VIH = 2.0 V, VIL = 0.0 V, terminated
3.0 V Programmed Swing, TRISE
447
ps
CB
20% to 80%, VIH = 3.0 V, VIL = 0.0 V, terminated
3.0 V Programmed Swing, TFALL
397
ps
CB
20% to 80%, VIH = 3.0 V, VIL = 0.0 V, terminated
5.0 V Programmed Swing, TRISE
1117
ps
CB
10% to 90%, VIH = 5.0 V, VIL = 0.0 V, unterminated
5.0 V Programmed Swing, TFALL
798
ps
CB
10% to 90%, VIH = 5.0 V, VIL = 0.0 V, unterminated
Rise to Fall Matching
−25
ps
CB
Rise to fall within one channel, VIH = 2.0 V, VIL = 0.0 V,
terminated
−61
ps
CB
Rise to fall within one channel; VIH = 1.0 V, VIL = 0.0 V,
terminated
Minimum Pulse Width
Toggle DATx
0.5 V Programmed Swing
725
ps
CB
VIH = 0.5 V, VIL = 0.0 V, terminated, timing error less than
+69/−33 ps
725
ps
CB
VIH = 0.5 V, VIL = 0.0 V, terminated, less than 10%
amplitude loss
Maximum Toggle Rate
2040
Mbps
CB
VIH = 0.5 V, VIL = 0.0 V, terminated, less than 10% loss at
50% duty
1.0 V Programmed Swing
725
ps
CB
VIH = 1.0 V, VIL = 0.0 V, terminated, timing error less than
+58/−35 ps
725
ps
CB
VIH = 1.0 V, VIL = 0.0 V, terminated, less than 10%
amplitude loss


Similar Part No. - ADATE318BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE318BCPZ AD-ADATE318BCPZ Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
More results

Similar Description - ADATE318BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
   2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
   250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
   200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
   500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
   200 MHz Dual Integrated DCL
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com