Electronic Components Datasheet Search |
|
ADA4096-2 Datasheet(PDF) 2 Page - Analog Devices |
|
ADA4096-2 Datasheet(HTML) 2 Page - Analog Devices |
2 / 5 page ADA4096 Preliminary Technical Data Rev. PrB | Page 2 of 5 SPECIFICATIONS ELECTRICAL CHARACTERISTICS – VS = ±15V VS = ±15 V, VCM = Vs/2, TA = 25°C, unless otherwise specified. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS 35 250 V −40°C < TA < +125°C 400 V Input Bias Current IB ±3 ±10 nA −40°C < TA < +125°C ±15 nA Input Offset Current IOS ±0.1 ±1.5 nA −40°C < TA < +125°C ±3 nA Input Voltage Range −40°C < TA < +125°C -15 +15 V Common-Mode Rejection Ratio CMRR VCM = -15 V to +15 V 95 dB −40°C < TA < +125°C VCM = -13 V to +13 V −40°C < TA < +125°C 75 95 89 107 dB dB dB Large Signal Voltage Gain AVO -14.7 < VOUT< +14.7,RL = 10k 110 120 dB −40°C < TA < +125°C -11 < VOUT < +11, RL = 2k −40°C < TA < +125°C 105 100 90 112 dB dB dB Offset Voltage Drift V OS / T −40°C < TA < +125°C 1 μV/°C OUTPUT CHARACTERISTICS Output Voltage High VOH RL = 10 kΩ to GND 14.93 14.94 V −40°C < TA < +125°C 14.9 V RL = 2 kΩ to GND 14.10 14.30 V −40°C < TA < +125°C 12.00 V Output Voltage Low VOL RL = 10 kΩ to GND -14.96 -14.80 V −40°C < TA < +125°C -14.75 V RL = 2 kΩ to GND -14.75 -14.65 V −40°C < TA < +125°C -14.0 V Short Circuit Limit ISC ±10 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VS = 3 V to 36 V 100 dB −40°C to +125°C 90 dB Supply Current/Amplifier ISY VO = VS /2 60 75 μA −40°C < TA < +125°C 100 μA DYNAMIC PERFORMANCE Slew Rate SR 0.4 V/μs Unity Gain Crossover Gain Bandwidth Product -3dB Small Signal Bandwidth UGC GBP Vp = 5mV ; RL= 10k ; Av=1 Vp = 5mV ; RL= 10k ; Av=40dB 800 800 kHz kHz kHz Phase Margin ФM 64 Degrees NOISE PERFORMANCE Peak-to-Peak Noise en p-p f = 0.1 to 10 Hz 0.4 μV p-p Voltage Noise Density en f = 1 kHz 27 nV/√Hz Current Noise Density in f = 1 kHz TBD fA/√Hz |
Similar Part No. - ADA4096-2 |
|
Similar Description - ADA4096-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |