Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9434 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9434
Description  12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9434 Datasheet HTML 3Page - Analog Devices AD9434 Datasheet HTML 4Page - Analog Devices AD9434 Datasheet HTML 5Page - Analog Devices AD9434 Datasheet HTML 6Page - Analog Devices AD9434 Datasheet HTML 7Page - Analog Devices AD9434 Datasheet HTML 8Page - Analog Devices AD9434 Datasheet HTML 9Page - Analog Devices AD9434 Datasheet HTML 10Page - Analog Devices AD9434 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD9434
Rev. A | Page 7 of 28
Timing Diagrams
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
N – 15
N – 14
N – 13
N – 12
N – 11
CLK–
DCO+
DCO–
Dx+
Dx–
VIN+, VIN–
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
Figure 2. Single Data Rate Mode
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
CLK–
DCO+
DCO–
D6
N – 15
D0
N – 14
D6
N – 14
D0
N – 13
D6
N – 13
D0
N – 12
D6
N – 12
D0
N – 11
D6
N – 11
D0
N – 10
D0/D6+
D0/D6–
D11
N – 15
D5
N – 14
D11
N – 14
D5
N – 13
D11
N – 13
D5
N – 12
D11
N – 12
D5
N – 11
D11
N – 11
D5
N – 10
D5/D11+
D5/D11–
VIN+, VIN–
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
6 MSBs
6 LSBs
Figure 3. Double Data Rate Mode


Similar Part No. - AD9434

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
AD9434-370EBZ AD-AD9434-370EBZ Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
AD9434-500EBZ AD-AD9434-500EBZ Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
AD9434BCPZ-370 AD-AD9434BCPZ-370 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
AD9434BCPZ-500 AD-AD9434BCPZ-500 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9434

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com