Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6643BCPZRL7-200 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6643BCPZRL7-200
Description  Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6643BCPZRL7-200 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6643BCPZRL7-200 Datasheet HTML 7Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 8Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 9Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 10Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 11Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 12Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 13Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 14Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD6643
Rev. 0 | Page 11 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
DNC
DNC
DNC
DNC
DNC
DNC
DRVDD
DNC
DNC
DNC
DNC
D0– (LSB)
D0+ (LSB)
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE PACKAGE
PROVIDES THE ANALOG GROUND FOR THE PART. THIS EXPOSED PADDLE
MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
PDWN
OEB
CSB
SCLK
SDIO
OR+
OR–
D10+ (MSB)
D10– (MSB)
D9+
D9–
DRVDD
D8+
D8–
D7+
D7–
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD6643
INTERLEAVED
PARALLEL
LVDS
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. Pin Configuration (Top View), LFCSP Interleaved Parallel LVDS
Table 8. Pin Function Descriptions for the Interleaved Parallel LVDS Mode
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
10, 19, 28, 37
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
49, 50, 53, 54, 59, 60, 63, 64
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
4 to 9, 11 to 14, 55, 56, 58
DNC
Do Not Connect. Do not connect to these pins.
0
AGND,
Exposed
Paddle
Ground
Analog Ground. The exposed thermal paddle on the bottom of the
package provides the analog ground for the device. This exposed paddle
must be connected to ground for proper operation.
ADC Analog
51
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
52
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
62
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
61
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
57
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. This pin should be
decoupled to ground using a 0.1 μF capacitor.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
Digital Input
3
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
15
D0− (LSB)
Output
Channel A/Channel B LVDS Output Data 0—True.
16
D0+ (LSB)
Output
Channel A/Channel B LVDS Output Data 0—Complement.
18
D1+
Output
Channel A/Channel B LVDS Output Data 1—True.
17
D1−
Output
Channel A/Channel B LVDS Output Data 1—Complement.
21
D2+
Output
Channel A/Channel B LVDS Output Data 2—True.
20
D2−
Output
Channel A/Channel B LVDS Output Data 2—Complement.
23
D3+
Output
Channel A/Channel B LVDS Output Data 3—True.
22
D3−
Output
Channel A/Channel B LVDS Output Data 3—Complement.


Similar Part No. - AD6643BCPZRL7-200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643BCPZRL7-200 AD-AD6643BCPZRL7-200 Datasheet
1Mb / 40P
   Dual IF Receiver
AD6643BCPZRL7-200 AD-AD6643BCPZRL7-200 Datasheet
1Mb / 41P
   Dual IF Receiver
More results

Similar Description - AD6643BCPZRL7-200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
   Low IF Receiver Reference Design
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
logo
Texas Instruments
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com