Part Name
         Description
PPM

 Single Output AC/DC Converter ( 4 Page)


MAKE-PS
100% 
Zoom Out Zoom In
   
 4 page
background image
Parallel Lines Measure
2
C1
C2
Copper sheet
Load
25.4m m
25.4m m
Connect
Oscillograph Probe
Fuse
Typical Applications PPM-Series
PPMxx-x-xxELF (single Output)
L
+Vo
-Vo
L
N
N
C1 C2
Fuse
FG
FG
Tvs 1 RL
NT C
Remarks
1.Output filtering capacitor C5, C3 and C1 are
electrolytic capacitor. It is recommended to use
high frequency and low resistance electrolytic
capacitor. For capacitance and current of the
capacitor
please
refer
to
suppliers’
specifications. Voltage derating of capacitor
should be 80% or above.C2, C4 and C6
eliminate high frequency noise. TVS is a
recommended
component
to
protect
post-
circuits (when converter fails).
2. External input NTC is recommended to use
5D-9 (Only PPM10 model and PPM15 model)
External Typical Value
Partnumber
C1
Partnumber
C1
PPM05-A-3.3E
330
PPM15-C-3.3E
680
PPM05-A-05E
330
PPM15-C-05E
680
PPM05-A-09E
120
PPM15-C-09E
470
PPM05-A-12E
120
PPM15-C-12E
220
PPM05-A-15E
68
PPM15-C-15E
220
PPM05-A-24E
68
PPM15-C-24E
68
PPM15-C-48E
33
PPM10-B-3.3E
470
PPM10-B-05E
330
PPM20-D-3.3E
330
PPM10-B-09E
120
PPM20-D-05E
330
PPM10-B-12E
120
PPM20-D-12E
220
PPM10-B-15E
120
PPM20-D-15E
220
PPM10-B-24E
68
PPM20-D-24E
220
PPM25-D-12E
330
PPM25-D-15E
330
PPM25-D-24E
120
PPM25-D-48E
68
TRIM (only PPM20/25-D-xxE
Note: Value for R1, R2, R3, and Vref refer to the following table.
RT: Resistance of Trim
a: User-defined parameter, no actual meanings.
3.3V
5V
12V
15V
24V
48V
R1(K )
2
3.3
3.83
7.5
8.66
1.2
R2(K )
1.2
3.3
1
1.5
1
22
R3(K )
1
1
1
1
1
1.2
Vref(V)
1.24
2.5
2.5
2.5
2.5
2.5
Vot(V)
Output voltage of Trim, variation ≤ ±10%
www.make-ps.com
www.make-ps.com
E-mail:info@make-ps.com
4/4



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl