Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M-7812-NZ Datasheet(PDF) 2 Page - Make-Ps

Part No. M-7812-NZ
Description  Single Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAKE-PS [Make-Ps]
Homepage  http://www.make-ps.com
Logo 

   
 2 page
background image
2 of 3
Pin Out Specifications
Dimensions
Pin
Positive Output Negative Output
1
+V Input
+V Input
2
Ground
-V Output
3
+V Output
Ground
Standard Application Circuit
External Capacitor values
Model Number
C1, C3
(ceramic capacitor)
C2, C4
(ceramic capacitor)
M-783.3-NZ
10uF/50V
22uF/16V
M-785.0-NZ
10uF/50V
22uF/16V
M-786.5-NZ
10uF/50V
10uF/16V
M-789.0NZ
10uF/50V
10uF/16V
M-7812-NZ
10uF/50V
10uF/25V
M-7815-NZ
10uF/50V
10uF/25V
Ripple and Noise Reduction
M-78Z
C1
+V input
Ground
C2
+V output
1
2
3
Ground
22uF
L
Recommended value of inductor L is between 10uH to 47uH
2.54
(0.1)
0.50
(0.02)
11.50
(0.45)
0.50
(0.02)
7.55
(0.30)
PRINTED
FACE
Dimensions are in mm
Pin Tolerance: ±0.16mm(0.004 inch)
Case Tolerance : ±0. 25 mm(0. 01 inch)
(inch)
M-78Z
C1
+V input
Ground
C2
+V output
1
2
3
Ground
Make-Ps
www.make-ps.com
E-mail:info@make-ps.com




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl