Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5757ACPZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5757ACPZ-REEL7
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757ACPZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5757ACPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5757ACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5757ACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5757ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5757ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5757ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5757ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5757ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5757ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD5757
Rev. A | Page 5 of 44
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Reference Output
Output Voltage
4.995
5
5.005
V
TA = 25°C
Reference TC2
−10
±5
+10
ppm/°C
Output Noise (0.1 Hz to 10 Hz)2
7
μV p-p
Noise Spectral Density2
100
nV/√Hz
At 10 kHz
Output Voltage Drift vs. Time2
180
ppm
Drift after 1000 hours, TJ = 150°C
Capacitive Load2
1000
nF
Load Current
9
mA
See
Figure 42
Short-Circuit Current
10
mA
Line Regulation2
3
ppm/V
See
Figure 43
Load Regulation2
95
ppm/mA
See
Figure 42
Thermal Hysteresis2
160
ppm
First temperature cycle
5
ppm
Second temperature cycle
DC-TO-DC
Switch
Switch On Resistance
0.425
Ω
Switch Leakage Current
10
nA
Peak Current Limit
0.8
A
Oscillator
Oscillator Frequency
11.5
13
14.5
MHz
This oscillator is divided down to give the dc-to-dc
converter switching frequency
Maximum Duty Cycle
89.6
%
At 410 kHz dc-to-dc switching frequency
DIGITAL INPUTS2
JEDEC compliant
VIH, Input High Voltage
2
V
VIL, Input Low Voltage
0.8
V
Input Current
−1
+1
μA
Per pin
Pin Capacitance
2.6
pF
Per pin
DIGITAL OUTPUTS2
SDO, ALERT
VOL, Output Low Voltage
0.4
V
Sinking 200 μA
VOH, Output High Voltage
DVDD − 0.5
V
Sourcing 200 μA
High Impedance Leakage Current
−1
+1
μA
High Impedance Output
Capacitance
2.5
pF
FAULT
VOL, Output Low Voltage
0.4
V
10 kΩ pull-up resistor to DVDD
VOL, Output Low Voltage
0.6
V
At 2.5 mA
VOH, Output High Voltage
3.6
V
10 kΩ pull-up resistor to DVDD
POWER REQUIREMENTS
AVDD
9
33
V
DVDD
2.7
5.5
V
AVCC
4.5
5.5
V
AIDD
7
7.5
mA
DICC
9.2
11
mA
VIH = DVDD, VIL = DGND, internal oscillator running,
over supplies
AICC
1
mA
Over supplies
IBOOST5
1
mA
Per channel, current output mode, 0 mA output
Power Dissipation
155
mW
AVDD = 15 V, DVCC = 5 V, dc-to-dc converter enable,
current output mode, outputs disabled
1 Temperature range: −40°C to +105°C; typical at +25°C.
2 Guaranteed by design and characterization; not production tested.
3 For current outputs with internal RSET, the offset, full-scale, and TUE measurements exclude dc crosstalk. The measurements are made with all four channels enabled
loaded with the same code.
4 See the Current Output Mode with Internal RSET section for more explanation of the dc crosstalk.
5 Efficiency plots in Figure 33, Figure 34, Figure 35, and Figure 36 include the IBOOST quiescent current.


Similar Part No. - AD5757ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5757 AD-AD5757 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5757x AD-AD5757x Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
More results

Similar Description - AD5757ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com