Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDS20SMD Datasheet(PDF) 2 Page - Seme LAB

Part # BDS20SMD
Description  SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS20SMD Datasheet(HTML) 2 Page - Seme LAB

  BDS20SMD Datasheet HTML 1Page - Seme LAB BDS20SMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 7/00
BDS20 BDS20SMD
BDS21 BDS21SMD
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Collector cut-off current
(IE = 0)
Collector cut-off current
(IB = 0)
Emitter cut-off current
(IC = 0)
Collector - Emitter
sustaining voltage (IB = 0)
Collector - Emitter
saturation voltage
Base - Emitter voltage
DC Current gain
VCB = 80V
VCE = 40V
VEB = 5V
IC = 30mA
IC = 3A
IB = 12mA
IC = 5A
IB = 20mA
IC = 3A
VCE = 3V
IC = 0.5A VCE = 3V
IC = 3A
VCE = 3V
0.2
0.5
2
120
2
4
2.5
1000
1000
mA
mA
mA
V
V
V
ICBO
ICEO
IEBO
VCEO(sus)*
VCE(sat)*
VBE(on)*
hFE*
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
*Pulsed : Pulse duration = 300
ms , duty cycle = 1.5%
THERMAL DATA
RTHj-case
Thermal resistance junction - case
Max. 2.5°C/W
RTHj-a
Thermal resistance junction - ambient
Max. 62.5°C/W


Similar Part No. - BDS20SMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS20SMD SEME-LAB-BDS20SMD Datasheet
457Kb / 2P
   SILICON EPIBASE NPN DARLINGTON TRANSISTOR
More results

Similar Description - BDS20SMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS13 SEME-LAB-BDS13 Datasheet
20Kb / 2P
   SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS18 SEME-LAB-BDS18 Datasheet
69Kb / 3P
   SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS10 SEME-LAB-BDS10 Datasheet
20Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS16 SEME-LAB-BDS16 Datasheet
21Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS13 SEME-LAB-BDS13_07 Datasheet
44Kb / 2P
   SILICON PNP EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
BDS10 SEME-LAB-BDS10_07 Datasheet
47Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
BDS16 SEME-LAB-BDS16_07 Datasheet
47Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD CERAMIC SURFACE MOUNT PACKAGES
2N5337A-220M SEME-LAB-2N5337A-220M Datasheet
16Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL PACKAGE
BDS10IG SEME-LAB-BDS10IG Datasheet
14Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO257 METAL PACKAGE
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com