Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5755-1 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5755-1
Description  Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755-1 Datasheet(HTML) 2 Page - Analog Devices

  AD5755-1_11 Datasheet HTML 1Page - Analog Devices AD5755-1_11 Datasheet HTML 2Page - Analog Devices AD5755-1_11 Datasheet HTML 3Page - Analog Devices AD5755-1_11 Datasheet HTML 4Page - Analog Devices AD5755-1_11 Datasheet HTML 5Page - Analog Devices AD5755-1_11 Datasheet HTML 6Page - Analog Devices AD5755-1_11 Datasheet HTML 7Page - Analog Devices AD5755-1_11 Datasheet HTML 8Page - Analog Devices AD5755-1_11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
AD5755-1
Rev. A | Page 2 of 48
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Companion Products ....................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Detailed Functional Block Diagram .............................................. 3
Specifications..................................................................................... 4
AC Performance Characteristics ................................................ 7
Timing Characteristics ................................................................ 7
Absolute Maximum Ratings.......................................................... 11
ESD Caution................................................................................ 11
Pin Configuration and Function Descriptions........................... 12
Typical Performance Characteristics ........................................... 15
Voltage Outputs .......................................................................... 15
Current Outputs ......................................................................... 19
DC-to-DC Block......................................................................... 23
Reference ..................................................................................... 24
General......................................................................................... 25
Terminology .................................................................................... 26
Theory of Operation ...................................................................... 28
DAC Architecture....................................................................... 28
Power-On State of the AD5755-1............................................. 28
Serial Interface ............................................................................ 29
Transfer Function ....................................................................... 29
Registers ........................................................................................... 30
Programming Sequence to Write/Enable the Output
Correctly ...................................................................................... 31
Changing and Reprogramming the Range ............................. 31
Data Registers ............................................................................. 32
Control Registers........................................................................ 34
Readback Operation .................................................................. 37
Device Features............................................................................... 39
Output Fault................................................................................ 39
Voltage Output Short-Circuit Protection................................ 39
Digital Offset and Gain Control............................................... 39
Status Readback During a Write .............................................. 39
Asynchronous Clear................................................................... 40
Packet Error Checking............................................................... 40
Watchdog Timer......................................................................... 40
Output Alert................................................................................ 40
Internal Reference ...................................................................... 40
External Current Setting Resistor ............................................ 40
HART ........................................................................................... 41
Digital Slew Rate Control.......................................................... 41
Power Dissipation control......................................................... 42
DC-to-DC Converters............................................................... 42
AICC Supply Requirements—Static .......................................... 43
AICC Supply Requirements—Slewing ...................................... 43
Applications Information .............................................................. 45
Voltage and Current Output Ranges on the Same Terminal 45
Current Output Mode with Internal RSET................................ 45
Precision Voltage Reference Selection..................................... 45
Driving Inductive Loads............................................................ 46
Transient Voltage Protection .................................................... 46
Microprocessor Interfacing....................................................... 46
Layout Guidelines....................................................................... 46
Galvanically Isolated Interface ................................................. 47
Outline Dimensions ....................................................................... 48
Ordering Guide .......................................................................... 48
REVISION HISTORY
5/11—Rev. 0 to Rev. A
Removed Endnote 6 (Table 1)......................................................... 6
Changed AVDD Minimum Value from 10.8 V to 9 V................... 6
Changed AISS Minimum Value from −1.4 mA to −1.7 mA ........ 7
Changed AVDD Voltage in Pin 19 Description ............................ 13
Changes to Ordering Guide .......................................................... 48
4/11—Revision 0: Initial Version


Similar Part No. - AD5755-1_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755-1x AD-AD5755-1x Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
More results

Similar Description - AD5755-1_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com