Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD20 Datasheet(PDF) 2 Page - Make-Ps

Part # LCD20
Description  Single & Dual Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

LCD20 Datasheet(HTML) 2 Page - Make-Ps

  LCD20 Datasheet HTML 1Page - Make-Ps LCD20 Datasheet HTML 2Page - Make-Ps LCD20 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.make-ps.com
E-mail:info@make-ps.com
2/3
Note : 1 Ripple & Noise measurement bandwidth is 20 MHz, measured with a 1uF M/C and a 10uF T/C.
Inp
p
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
2:1
12 Vin
8.7/8.3
9
VDC
24 Vin
16.9/16.2
18
Start-up voltage /
under voltage shut down
48 Vin
33.0/30.5
36
VDC
12 Vin
25
V
24 Vin
50
Surge voltage
(100 msec. max.)
48 Vin
100
V
Reflected input ripple current
30
mA
Filter
LC Network
Protection
Fuse Recommended
Outp
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
±
2
%
Output voltage adj. range
onlyforsingleoutputmodels
±
10
%
single output
0.5
%
Line Regulation
(Vmin – Vmax)
dual output
0.5
%
single output
0.5
%
Load Regulation
(25 – 100 %)
dual output models balanced load
1.0
%
Load variation(25% /100%)
dual output models unbalanced load
5.0
%
Minimum load
required
0
10
%
Rippleandnoise(20MHzbandwidth)
with external capacitor (See Note 1)
100
mVp-p
Temperature coefficient
±
0.05
%/
Output current limitation
at 150 % of Iout max., constant current
Short circuit protection
Hiccup (automatic recovery)
3.3VDC
3.7
5.4
Vout
5VDC
5.6
7.0
Vout
12VDC
13.5
19.6
Vout
Over voltage protection
15VDC
16.8
20.5
Vout
Start up time
nominal Vin and constant resistive load
30
ms
Transient response setting time
25% load step change
300
us
p
Parameters
Conditions
Min
Typ
Max
Units
Operating(with derating)
-40
+75
Case temperature
105
Temperature ranges
Storage
-55
+125
Humidity
non condensing
5
95
%
Reliability, calculated MTBF
MIL-HDBK-217F, @ +25°C, ground benign
340000
Hours
Isolation voltage
For 60 seconds(Input/Output)
1500
VDC
Isolation capacity
Input/Output
1000
pF
Isolation resistance
Input/Output (500 VDC)
1000
MΩ
On
3.0 ~ 15 VDC or open circuit
Off
0 ~ 1.2 VDC or short circuit pin 6 and pin 2
Remote On/Off
Off idle current:
2.5
mA
Switching frequency (fixed)
330
KHz
Vibration and thermal shock
MIL-STD-810E
Safety standards
EN 60950-1, IEC 60950-1
Case material
nickel coated copper
Base material
Non-conductive FR4
Potting material
epoxy (UL 94V-0 rated)
Weight
15 g (0.53 oz)
Soldering temperature
max. 265℃ / 10sec
EMI (Conducted&Radiation)
EN55022 Class A
Input Specifications
Output Specifications
General Specifications


Similar Part No. - LCD20

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD20-12D12 P-DUKE-LCD20-12D12 Datasheet
497Kb / 4P
   DC-DC CONVERTER
LCD20-12D15 P-DUKE-LCD20-12D15 Datasheet
497Kb / 4P
   DC-DC CONVERTER
LCD20-12S05 P-DUKE-LCD20-12S05 Datasheet
497Kb / 4P
   DC-DC CONVERTER
LCD20-12S12 P-DUKE-LCD20-12S12 Datasheet
497Kb / 4P
   DC-DC CONVERTER
LCD20-12S15 P-DUKE-LCD20-12S15 Datasheet
497Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - LCD20

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com