Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

805S48 Datasheet(PDF) 1 Page - Make-Ps

Part # 805S48
Description  Single, Dual, Triple Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

805S48 Datasheet(HTML) 1 Page - Make-Ps

  805S48 Datasheet HTML 1Page - Make-Ps 805S48 Datasheet HTML 2Page - Make-Ps 805S48 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The 800 series is family of miniature, high performance and
high reliability DC/DC converters. The 800 series operates
over 2:1 input voltage ranges of 9 to 18, 18 to 36 or 36 to
72VDC; providing single, dual and triple output combinations
of 5, 12, 15, ±5, ±12, ±15, 5/±12 and 5/±15 VDC. Standard
features include 500VDC input/output isolation, efficiency
as high as 82%, tight line/load regulation and low output
ripple and noise. All 24 models are packaged in compact,
low profile 1” X 2” X 0.4” metal cases.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
800 series
•• SSyynncchhrroonniizzaattiioonn
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
•• 99..3388W
W//IIn
n33 P
Po
ow
we
err D
De
en
nssiittyy
•• EEffffiicciieennccyy ttoo 8822%
%
•• VVD
DE
E // E
EN
N 6600995500 A
Ap
pp
prro
ovve
ed
d
•• >>11,,000000,,000000 H
Ho
ou
urrss M
MT
TB
BFF
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage Range
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Remote On / OFF Control
Supply ON
0 VDC to 0.6 VDC
Supply OFF
1 VDC to 5 VDC
Logic Referenced to Negative Input
Input Filter
LC Type
Input Fuse Rating
See Model Selection
Guide
Unit/Comments
% 1
% 1
% 1
%; Equal Output Loads
%; Equal Output Loads
Full Load
% 2
% 2
% 2
% 3
% 3 ; Equal Loads
% 3
% 3 ; Equal Loads
% of Vout
(20 MHz B.W.)
Continuous, Auto-
matic Recovery
μS to within1% error
band for 50% step
load change
% per oC
Min
10%
Typ Max
±1.0
±1.0
±6.0
±1.0
±1.0
±0.5
±0.5
5.0
±0.5
±1.0
±0.5
±6.0
2
200
±0.01
Single, Dual, Triple Output
DC/DC Converter
Min
9
18
36
Typ
12
24
48
Max
18
36
72
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
MTBF (MIL-HBK-217F)
Million Hours,
+25oC, Ground
Benign
Min
100
500
1000
1
Typ Max
Output Voltage Accuracy
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Voltage Balance:
Dual Outputs
Triple Outputs (Auxiliaries)
Minimum Load
Line Regulation
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Load Regulation
Single Outputs
Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Ripple/Noise
Short Circuit Protection
Transient Recovery Time
Temperature Coefficient
Over Voltage Protection
1
= Output voltage at nominal line & FL
2
= % Output voltage measured from min. input line to maximum
3
= Output voltage measured from FL to 10% Load
See Model Selection Guide
>> B-85
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 805S48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
805S STMICROELECTRONICS-805S Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
More results

Similar Description - 805S48

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com