Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515S48E Datasheet(PDF) 3 Page - Make-Ps

Part # 515S48E
Description  Single Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

515S48E Datasheet(HTML) 3 Page - Make-Ps

  515S48E Datasheet HTML 1Page - Make-Ps 515S48E Datasheet HTML 2Page - Make-Ps 515S48E Datasheet HTML 3Page - Make-Ps 515S48E Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IIN
NP
PU
UT
T
V
VO
OLLT
TA
AG
GE
E
R
RA
AN
NG
GE
E V
VS
S
O
OU
UT
TP
PU
UT
T
LLO
OA
AD
D
Nominal Input
(VDC)
20% Load
40% Load
60% Load
100% Load
Input Voltage Range (VDC) at:
5
12
24
28
48
4.30 - 6.00
10.3 - 15.0
20.4 - 30.0
24.2 - 36.0
41.3 - 60.0
4.40 - 5.70
10.4 - 14.6
20.6 - 29.0
24.5 - 34.0
42.0 - 58.0
4.55 - 5.60
10.6 - 13.6
21.0 - 27.0
24.9 - 31.3
42.3 - 54.4
4.65 - 5.25
10.9 - 13.2
21.6 - 26.4
25.2 - 30.8
43.2 - 52.8
H
HO
OW
W T
TO
O
O
ORRD
DE
ER
R
5 XX S XX E - A1 -
Output Voltage
C
Ca
asse
e A
A p
piin
nn
niin
ng
g iiss sstta
an
nd
da
arrd
d.. C
Ca
asse
e A
A m
mo
od
de
ell n
nu
um
mb
be
errss d
do
o n
no
ott rre
eq
qu
uiirre
e ssu
uffffiixxiin
ng
g..
C
Ca
asse
e A
A11 p
piin
nn
niin
ng
g iiss o
op
pttiio
on
na
all.. C
Ca
asse
e A
A11 m
mo
od
de
ell n
nu
um
mb
be
errss m
mu
usstt b
be
e ssu
uffffiixxe
ed
d w
wiitth
h ““ A
A11””..
E
Exxa
am
mp
plle
e:: 551122S
S4488E
E--A
A11
H
HO
OW
W
T
TO
O
O
ORRD
DE
ER
R
Output Configuration,
( S=Single, D=Dual)
Wattage
Nominal
Input Voltage
Case D1 pinning
is optional
Y
ROHS Compliant
>> 3
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 515S48E

ManufacturerPart #DatasheetDescription
logo
Make-Ps
515S48 MAKE-PS-515S48 Datasheet
193Kb / 4P
   Single & Dual Output DC/DC Converter
515S48HFR MAKE-PS-515S48HFR Datasheet
170Kb / 3P
   Single & Dual Output DC/DC Converter
515S48URD MAKE-PS-515S48URD Datasheet
590Kb / 4P
   DC/DC Converter
515S48URD-Y MAKE-PS-515S48URD-Y Datasheet
590Kb / 4P
   DC/DC Converter
515S48WFR MAKE-PS-515S48WFR Datasheet
265Kb / 3P
   Single Output DC/DC Converter
More results

Similar Description - 515S48E

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com