Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

812D12 Datasheet(PDF) 2 Page - Make-Ps

Part # 812D12
Description  Single, Dual, Triple Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

812D12 Datasheet(HTML) 2 Page - Make-Ps

  812D12 Datasheet HTML 1Page - Make-Ps 812D12 Datasheet HTML 2Page - Make-Ps 812D12 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
ALL
S
SPPEECCIIFFIICCA
AT
TIIO
ON
NS
S
O
OU
UT
TLLIIN
NE
E
D
DRRA
AW
WIIN
NG
G
All specifications are typical at nominal input, nominal load and 25
° C unless otherwise specified.
External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation.
P
PH
HY
YS
SIIC
CA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
1.0 X 2.0 X 0.4 inches
(25.5 X 51.0 X 10.2 mm)
Coated Metal
Negative Input, Pin 3
Positive Input, Pin 4
UL94V-0
42.5 Grams
Case Size
Case Material
Shield Connection
12V and 24V Input Models
48V Input Models
Flammability
Weight
Unit/Comments
o
C; Ambient
o
C
% Humidity; non-
condensing
Free-Air Convection
Operating Temp. Range
Storage Temp. Range
Relative Humidity
Cooling
Min
-30
-40
Typ
Max
+75
+125
95
Notes:
1. Unless otherwise specified dimensions are in inches (mm).
Tolerances
Inches
mm
X.XX = ±0.02
X.X = ±0.5
0.20
(5.1)
1.00 (25.4)
0.10
(2.5)
.040± .005
(1.0)
DIA.
BOTTOM
9
8
7
6
5
4
3
2
1
0.10
(2.5)
2.00
(50.8)
SIDE
.20
(5.1)
.20
(5.1)
.20
(5.1)
0.30.
(7.6)
0.40
(10.2)
P
PIIN
N
O
OU
UT
T
C
CH
HA
AR
RT
T
0.20
(5.1)
0.20
(5.1)
0.20
(5.1)
0.10
(2.5)
.20
(5.1)
Single
Remote On/Off
Sync
- Vin
+ Vin
NC
NC
NC
- Vout
+ Vout
Dual
Remote On/Off
Sync
- Vin
+ Vin
- Vout
Common
+ Vout
NC
NC
Triple
Remote On/Off
Sync
- Vin
+ Vin
- Vout (Aux)
Common(Aux)
+Vout (Aux)
+5V Common
+5V Vout
Pin
1
2
3
4
5
6
7
8
9
NC = No Connection
>> B-86
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 812D12

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
812 MILL-MAX-812 Datasheet
2Mb / 11P
   Mill-Max Spring-loaded Connectors Minimize Noise
812-22-002-30-000-101 MILL-MAX-812-22-002-30-000-101 Datasheet
2Mb / 11P
   Mill-Max Spring-loaded Connectors Minimize Noise
logo
Unisonic Technologies
8120-AB3-D-B UTC-8120-AB3-D-B Datasheet
201Kb / 6P
   POWER RESET IC
8120-AB3-D-K UTC-8120-AB3-D-K Datasheet
201Kb / 6P
   POWER RESET IC
8120-AB3-D-R UTC-8120-AB3-D-R Datasheet
201Kb / 6P
   POWER RESET IC
More results

Similar Description - 812D12

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com