Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515S12 Datasheet(PDF) 3 Page - Make-Ps

Part # 515S12
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

515S12 Datasheet(HTML) 3 Page - Make-Ps

  515S12 Datasheet HTML 1Page - Make-Ps 515S12 Datasheet HTML 2Page - Make-Ps 515S12 Datasheet HTML 3Page - Make-Ps 515S12 Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
HO
OW
W T
TO
O
O
ORRD
DE
ER
R
5
XX D XX - D1
Output Voltage
C
Ca
asse
e D
D p
piin
nn
niin
ng
g iiss sstta
an
nd
da
arrd
d.. C
Ca
asse
e D
D m
mo
od
de
ell n
nu
um
mb
be
errss d
do
o n
no
ott rre
eq
qu
uiirre
e ssu
uffffiixxiin
ng
g..
C
Ca
asse
e D
D11 p
piin
nn
niin
ng
g iiss o
op
pttiio
on
na
all.. C
Ca
asse
e 11 m
mo
od
de
ell n
nu
um
mb
be
errss m
mu
usstt b
be
e ssu
uffffiixxe
ed
d w
wiitth
h ““ D
D11””..
E
Exxa
am
mp
plle
e:: 550055S
S4488--D
D11
H
HO
OW
W
T
TO
O
O
ORRD
DE
ER
R
M
MO
OD
DE
ELL
S
SEELLEECCTTIIO
ON
N
C
CH
HA
AR
RT
T
Model
Nominal
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Full Load
Output
Current
(mA)
No Load
Input
Current
(mA)
Full Load
Input
Current
(mA)
Reflected
Ripple
Current
(mA)
Efficiency
@FL
(%)
Case
Style
Output Configuration,
( S=Single, D=Dual)
Wattage
Nominal
Input Voltage
505S5
512S5
515S5
505D5
512D5
515D5
505S12
512S12
515S12
505D12
512D12
515D12
505S18
512S18
515S18
505D18
512D18
515D18
505S24
512S24
515S24
505D24
512D24
515D24
505S28
512S28
515S28
505D28
512D28
515D28
505S48
512S48
515S48
505D48
512D48
515D48
5
5
5
5
5
5
12
12
12
12
12
12
18
18
18
18
18
18
24
24
24
24
24
24
28
28
28
28
28
28
48
48
48
48
48
48
5
12
15
±5
±12
±15
5
12
15
±5
±12
±15
5
12
15
±5
±12
±15
5
12
15
±5
±12
±15
5
12
15
±5
±12
±15
5
12
15
±5
±12
±15
1000
420
340
±500
±210
±170
1000
420
340
±500
±210
±170
1000
420
340
±500
±210
±170
1000
420
340
±500
±210
±170
1000
420
340
±500
±210
±170
1000
420
340
±500
±210
±170
107
110
160
112
140
170
35
35
35
50
50
70
30
30
36
30
30
35
15
15
21
22
21
30
20
20
20
16
16
20
10
10
15
10
12
13
1830
1430
1390
1790
1550
1500
680
630
528
670
650
600
450
391
375
447
391
375
350
292
283
325
292
270
290
250
228
300
238
226
153
133
130
165
150
126
80
80
80
80
80
80
40
40
40
40
40
40
35
35
35
35
35
35
20
20
20
20
20
20
20
20
20
20
20
20
15
15
15
15
15
15
55
70
72
56
65
66
61
66
79
62
64
70
62
71
74
62
71
74
60
71
75
64
72
77
61
71
78
60
75
79
68
78
80
63
70
82
D or D1
D or D1
D or D1
D
D
D
D or D1
D or D1
D or D1
D
D
D
D or D1
D or D1
D or D1
D
D
D
D or D1
D or D1
D or D1
D
D
D
D or D1
D or D1
D or D1
D
D
D
D or D1
D or D1
D or D1
D
D
D
Case D1 pinning
is optional
>> B-66
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 515S12

ManufacturerPart #DatasheetDescription
logo
Make-Ps
515S12E MAKE-PS-515S12E Datasheet
397Kb / 4P
   Single Output DC/DC Converter
515S12WFR MAKE-PS-515S12WFR Datasheet
265Kb / 3P
   Single Output DC/DC Converter
515S12WFR-H MAKE-PS-515S12WFR-H Datasheet
265Kb / 3P
   Single Output DC/DC Converter
515S12WFR-M MAKE-PS-515S12WFR-M Datasheet
265Kb / 3P
   Single Output DC/DC Converter
More results

Similar Description - 515S12

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com