Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

503S24HFR Datasheet(PDF) 1 Page - Make-Ps

Part # 503S24HFR
Description  Single & Dual Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

503S24HFR Datasheet(HTML) 1 Page - Make-Ps

  503S24HFR Datasheet HTML 1Page - Make-Ps 503S24HFR Datasheet HTML 2Page - Make-Ps 503S24HFR Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The 500HFR series power modules are high efficiency, low
noise, 5 watt low-profile dc-dc converters. The 5 watt converters
operate over a wide input voltage range of 9 - 36 VDC or 18 - 75
VDC and provide precisely regulated output voltages of 3.3V,
5V, 12V, 15V, ±5V, ±12V and ±15V.
The -25oC to +71oC operating temperature range makes it
ideal for data communication equipment, mobile battery
driven equipment, distributed power systems, telecommunication
equipment, mixed analog/digital subsystems,
process/
machine control equipment, computer peripheral systems
and industrial robot systems.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
500HFR series
•• U
Up
p tto
o 8866%
% E
Effffiic
ciie
en
nc
cyy
•• SSiinnggllee &
& D
Du
ua
all O
Ou
uttp
pu
utt,, 55 w
wa
atttt c
co
on
nvve
errtte
err
•• A
Avva
aiilla
ab
blle
e iin
n 2244 a
an
nd
d 4488 V
VD
DC
C IIn
np
pu
uttss 44 -- 11 IIn
np
pu
utt R
Ra
an
ng
ge
e
•• IInndduussttrryy SSttaannddaarrdd PPiinnoouutt
•• CCoom
mp
plliie
ess w
wiitth
h E
EN
N5555002222 C
Clla
assss A
A
FFEEA
AT
TU
UR
RE
ES
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Output Voltage Set Point
% Output voltage at
nominal line & FL
Output Voltage Balance
% Equal Output
(Duals)
Loads
Line Regulation
% Output voltage
measured from
min. input line to
maximum
Load Regulation
% Output voltage
measured from FL
to 10% load
Ripple/Noise
mV p-p, Nom.Line
@FL, 20MHz B.W.,
using 1
μf bypass
capacitor
Ripple/Noise
mV p-p, Over Line,
Load & Temp., 20
MHz B.W.,
using 1
μf bypass
capacitor
Short Circuit Protection
Continuous,
Automatic Recovery
Transient Response
% deviation of Vout
Deviation
for a 25% load
change
Transient Recovery Time
μS for 25% load
change
Temperature Coefficient
% per degree C
Min Typ
±0.5
±0.5
±0.1
±0.3
50
±3
250
±0.01
Max
±1.0
±2.0
±0.3
±1.0
75
100
500
±0.02
Single & Dual Output
DC/DC Converter
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Million Hours,
+25oC, Ground
Benign
Min
1500
1000
1
Typ
340
Max
550
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Under Voltage Shut Down
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Input Fuse Requirements
24 VDC Input Models
mA; Slow blow type
48 VDC Input Models
mA; Slow blow type
Reverse Polarity Input Current
Amp
Short Circuit Input Power
mW
Input Filter
Pi Filter
Min
9
18
Typ
24
48
1500
750
Max
36
75
8.5
16
0.5
2500
>> B-68
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 503S24HFR

ManufacturerPart #DatasheetDescription
logo
Make-Ps
503S24WFR MAKE-PS-503S24WFR Datasheet
265Kb / 3P
   Single Output DC/DC Converter
503S24WFR-H MAKE-PS-503S24WFR-H Datasheet
265Kb / 3P
   Single Output DC/DC Converter
503S24WFR-M MAKE-PS-503S24WFR-M Datasheet
265Kb / 3P
   Single Output DC/DC Converter
More results

Similar Description - 503S24HFR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com