Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

212S24VFI Datasheet(PDF) 3 Page - Make-Ps

Part # 212S24VFI
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

212S24VFI Datasheet(HTML) 3 Page - Make-Ps

  212S24VFI Datasheet HTML 1Page - Make-Ps 212S24VFI Datasheet HTML 2Page - Make-Ps 212S24VFI Datasheet HTML 3Page - Make-Ps 212S24VFI Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
HO
OW
W T
TO
O
O
ORRD
DE
ER
R
2 XX S
XX VFI -
Output Voltage
Series
H
HO
OW
W
T
TO
O
O
ORRD
DE
ER
R
M
MO
OD
DE
ELL
S
SEELLEECCTTIIO
ON
N
C
CH
HA
AR
RT
T
Model
Nominal
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Full Load
Output
Current
(mA)
No Load
Input
Current
(mA)
Full Load
Input
Current
(mA)
Reflected
Ripple
Current
(mA)
205S5VFI
212S5VFI
215S5VFI
205S12VFI
212S12VFI
215S12VFI
205S24VFI
212S24VFI
215S24VFI
205D5VFI
212D5VFI
215D5VFI
205D12VFI
212D12VFI
215D12VFI
205D24VFI
212D24VFI
215D24VFI
5
5
5
12
12
12
24
24
24
5
5
5
12
12
12
24
24
24
5
12
15
5
12
15
5
12
15
±5
±12
±15
±5
±12
±15
±5
±12
±15
400
165
133
400
165
133
400
165
133
±100
±83
±66
±100
±83
±66
±100
±83
±66
100
100
100
50
50
50
30
30
30
100
100
100
50
50
50
30
30
30
645
629
623
269
262
260
134
131
130
476
699
695
185
281
280
93
143
142
62
63
64
62
63
64
62
63
64
42
57
57
45
59
59
45
58
58
Output
Configuration
(S=Single, D=Dual)
Wattage=2 W
Nominal
Input Voltage
Y
ROHS Compliant
>> B-35
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 212S24VFI

ManufacturerPart #DatasheetDescription
logo
Make-Ps
212S24FR MAKE-PS-212S24FR Datasheet
179Kb / 4P
   Single & Dual Output DC/DC Converter
212S24HFR MAKE-PS-212S24HFR Datasheet
246Kb / 4P
   Single & Dual Output DC/DC Converter
212S24HFS MAKE-PS-212S24HFS Datasheet
271Kb / 4P
   Single & Dual Output DC/DC Converter
212S24LFR MAKE-PS-212S24LFR Datasheet
241Kb / 4P
   Single & Dual Output DC/DC Converter
212S24UFR MAKE-PS-212S24UFR Datasheet
200Kb / 4P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 212S24VFI

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com