Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

505S5 Datasheet(PDF) 1 Page - Make-Ps

Part # 505S5
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

505S5 Datasheet(HTML) 1 Page - Make-Ps

  505S5 Datasheet HTML 1Page - Make-Ps 505S5 Datasheet HTML 2Page - Make-Ps 505S5 Datasheet HTML 3Page - Make-Ps 505S5 Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The 500 series is a family of compact, high performance, low
noise 5W DC/DC converters. High performance features
include 1000 VDC input/output isolation, continuous short
circuit protection with automatic restart and a maximum
line/load regulation of only ± 0.03%. Thirty-six models operate
from power busses of 5, 12, 18, 24, 28 or 48 VDC and provide
single or dual output of 5, 12, 15, ±5, ±12 or ±15 VDC. Standard
features include an internal Pi filter to reduce reflected
ripple current, efficiency as high as 82% and low noise
operation (20 mV Pk-Pk).
D
DEESSCCRRIIPPTTIIO
ON
NS
S
500 series
•• LLoow
w O
Ou
uttp
pu
utt N
No
oiisse
e//R
Riip
pp
plle
e
•• --4400ooCC ttoo ++7755ooCC O
Op
pe
erra
attiin
ng
g T
Te
em
mp
pe
erra
attu
urre
e R
Ra
an
ng
ge
e
•• ±±00..0033%
% LLiin
ne
e//LLo
oa
ad
d R
Re
eg
gu
ulla
attiio
on
n
•• FFuullll IInnppuutt//O
Ou
uttp
pu
utt P
Prro
otte
ec
cttiio
on
n
•• U
ULL11995500,, C
CS
SA
A 2222..22--995500,, V
VD
DE
E//E
EN
N 6600995500 A
Ap
pp
prro
ovve
ed
d
•• >>11,,000000,,000000 H
Ho
ou
urrss M
MT
TB
BFF
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage
5 VDC Input Models
VDC
12 VDC Input Models
VDC
18 VDC Input Models
VDC
24 VDC Input Models
VDC
28 VDC Input Models
VDC
48 VDC Input Models
VDC
Input Fuse Requirements
5 VDC Input Models
mA; Slow blow type
12 VDC Input Models
mA; Slow blow type
18 VDC Input Models
mA; Slow blow type
24 VDC Input Models
mA; Slow blow type
28 VDC Input Models
mA; Slow blow type
48 VDC Input Models
mA; Slow blow type
Reverse Polarity Input
Amp
Current
Input Filter
Pi Filter
Unit/Comments
Output Voltage Set Point
% Output voltage at
nominal line & FL
Output Voltage Balance
mV; Equal Output
Loads
Line Regulation
% Output voltage
measured from
min. input line to
maximum
Load Regulation
% Output voltage
measured from FL
to 10% load
Ripple/Noise
mV p-p, Nom.Line
@FL, 20MHz B.W.,
using 1
μf bypass
capacitor
Short Circuit Protection
Limited,
Automatic Recovery
Transient Response
% deviation of Vout
Deviation
for a 25% load change
Transient Recovery Time
μS for 25% load
change, to within 1%
Temperature Coefficient
% per oC
Min Typ
±0.5
±0.01
±0.01
Max
±1.0
±50
±0.03
±0.03
20
±5
50
±0.02
Single & Dual Output
DC/DC Converter
Min
4.65
10.9
16.4
21.6
25.2
43.2
Typ
5
12
18
24
28
48
2000
1000
750
500
350
200
Max
5.25
13.2
19.8
26.4
30.8
52.8
5
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Million Hours,
+25oC, Ground
Benign
Min
1000
1000
1
Typ
150
70
Max
>> B-64
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 505S5

ManufacturerPart #DatasheetDescription
logo
Make-Ps
505S5E MAKE-PS-505S5E Datasheet
397Kb / 4P
   Single Output DC/DC Converter
505S5WFR-M MAKE-PS-505S5WFR-M Datasheet
265Kb / 3P
   Single Output DC/DC Converter
More results

Similar Description - 505S5

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com