Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

312S5WFR Datasheet(PDF) 2 Page - Make-Ps

Part # 312S5WFR
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

312S5WFR Datasheet(HTML) 2 Page - Make-Ps

  312S5WFR Datasheet HTML 1Page - Make-Ps 312S5WFR Datasheet HTML 2Page - Make-Ps 312S5WFR Datasheet HTML 3Page - Make-Ps 312S5WFR Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
ALL
S
SPPEECCIIFFIICCA
AT
TIIO
ON
NS
S
O
OU
UT
TLLIIN
NE
E
D
DRRA
AW
WIIN
NG
G
P
PIIN
N
O
OU
UT
T
C
CH
HA
AR
RT
T
P
PH
HY
YS
SIIC
CA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
1.25 X 0.8 X 0.4 inches
(31.8 X 20.3 X 10.2 mm)
Non-conductive Black Plastic
UL94V-0
12 Grams
Notes:
1. Unless otherwise specified dimensions are in inches (mm).
Tolerances
Inches
mm
X.XX = ±0.02
X.X = ±0.5
X.XXX= ±0.010
X.XX = ±0.25
Pin :
±0.002
±0.05
1.25 (31.8)
0.10
(2.5)
0.16 (4.1)
BOTTOM VIEW
SIDE VIEW
0.020 (0.50)
PIN DIA. TYP.
23 22
16
14
Case Size
Case Material
Flammability
Weight
Unit/Comments
o
C; Ambient
o
C; Case
o
C
% Humidity; non-
condensing
Free-Air Convection
Operating Temp. Range
Operating Temp. Range
Storage Temp. Range
Relative Humidity
Cooling
Min
-25
-25
-40
Typ
Max
+71
+90
+125
95
NC = No Connection
2 3
9
11
0.100 (2.54)
0.18 (4.5)
0.40
(10.2)
0.600
(15.22)
0.80
(20.3)
Pins
2
3
9
11
14
16
22
23
Single
- Vin
- Vin
No Pin
NC
+ Vout
- Vout
+ Vin
+Vin
Dual
-Vin
-Vin
Common
- Vout
+ Vout
Common
+ Vin
+ Vin
All specifications are typical at nominal input, nominal load and 25
° C unless otherwise specified.
External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation.
>> B-53
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 312S5WFR

ManufacturerPart #DatasheetDescription
logo
Make-Ps
312S5FR MAKE-PS-312S5FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
312S5XFR MAKE-PS-312S5XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 312S5WFR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com