Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109S12VFS Datasheet(PDF) 4 Page - Make-Ps

Part # 109S12VFS
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

109S12VFS Datasheet(HTML) 4 Page - Make-Ps

  109S12VFS Datasheet HTML 1Page - Make-Ps 109S12VFS Datasheet HTML 2Page - Make-Ps 109S12VFS Datasheet HTML 3Page - Make-Ps 109S12VFS Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
DEERRA
AT
TIIN
NG
G
C
CU
UR
RV
VE
ES
S
-40
50
60
70
80
90
100
110
Pout %
TEMPERATURE
° C
MODEL 100VFS (3.3V, 5V & ±5V)
Natural
Convection
200LFM
400LFM
100LFM
100
90
80
70
60
50
40
30
20
10
0
Pout %
TEMPERATURE
° C
MODEL 100VFS (All other outputs)
Natural
Convection
100
90
80
70
60
50
40
30
20
10
0
-40
50
60
70
80
90
100
110
400LFM
200LFM
100LFM
>> B-12
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 109S12VFS

ManufacturerPart #DatasheetDescription
logo
Make-Ps
109S12HFS MAKE-PS-109S12HFS Datasheet
211Kb / 4P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 109S12VFS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com