Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

212D12FR Datasheet(PDF) 1 Page - Make-Ps

Part # 212D12FR
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

212D12FR Datasheet(HTML) 1 Page - Make-Ps

  212D12FR Datasheet HTML 1Page - Make-Ps 212D12FR Datasheet HTML 2Page - Make-Ps 212D12FR Datasheet HTML 3Page - Make-Ps 212D12FR Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The 200FR series 2 watt power modules are specially
designed to provide low output ripple, and tight regulation in
a low-profile 24 pin DIP package. The series consists of 20
models with input voltages of 5V, 12V, 24V and 48V, and offers
regulated output voltages of 5V, 12V, 15V, ±12V and ±15V.
The -25oC to +71oC operating temperature range makes it
ideal for data communication equipment, mobile battery
driven equipment, distributed power systems, telecommu-
nication equipment, mixed analog/digital subsystems, auto-
matic test instrumentation and industrial robot systems.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
200FR series
•• U
Up
p tto
o 6611 %
% E
Effffiic
ciie
en
nc
cyy
•• SSiinnggllee aanndd D
Du
ua
all O
Ou
uttp
pu
utt,, 22 w
wa
atttt c
co
on
nvve
errtte
err
•• A
Avva
aiilla
ab
blle
e iin
n 55,, 1122,, 2244 a
an
nd
d 4488 V
VD
DC
C IIn
np
pu
uttss
•• IInndduussttrryy SSttaannddaarrdd PPiinnoouutt
•• SShhoorrtt CCiirrccuuiitt PPrrootteeccttiioonn
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage
5 VDC Input Models
VDC
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Input Fuse Requirements
5 VDC Input Models
mA; Slow blow type
12 VDC Input Models
mA; Slow blow type
24 VDC Input Models
mA; Slow blow type
48 VDC Input Models
mA; Slow blow type
Reverse Polarity Input Current
Amp
Short Circuit Input Power
mW
Input Filter
Pi Filter
Unit/Comments
Output Voltage Set Point
% Output voltage at
nominal line & FL
Output Voltage Balance
% Equal Output
(Duals)
Loads
Line Regulation
% Output voltage
measured from
min. input line to
maximum
Load Regulation
% Output voltage
measured from FL
to 10% load
Ripple/Noise
mV p-p, Nom.Line
@FL, 20MHz B.W.,
using 1
μf bypass
capacitor
Ripple/Noise
mV p-p, Over Line,
Load & Temp., 20
MHz B.W.,
using 1
μf bypass
capacitor
Overload Protection
%Rated Output Load
Short Circuit Protection
Continuous,
Automatic Recovery
Transient Response
% deviation of Vout
Deviation
for a 50% load
change
Transient Recovery Time
μS for 50% load
change
Temperature Coefficient
% per degree C
Single & Dual Output
DC/DC Converter
Min
4.5
10.8
21.6
43.2
Typ
5
12
24
48
1500
700
350
135
Max
5.5
13.2
26.4
52.8
0.5
2000
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Thousand Hours,
+25oC, Ground
Benign
Min
40
500
1000
800
Typ
80
100
Max
150
Min
120
Typ
±2.0
±1.0
±0.2
±0.2
45
±0.01
Max
±4.0
±3.0
±0.5
±0.5
50
75
±6
50
±0.02
>> B-21
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 212D12FR

ManufacturerPart #DatasheetDescription
logo
Make-Ps
212D12HFR MAKE-PS-212D12HFR Datasheet
246Kb / 4P
   Single & Dual Output DC/DC Converter
212D12HFS MAKE-PS-212D12HFS Datasheet
271Kb / 4P
   Single & Dual Output DC/DC Converter
212D12LFR MAKE-PS-212D12LFR Datasheet
241Kb / 4P
   Single & Dual Output DC/DC Converter
212D12VFI MAKE-PS-212D12VFI Datasheet
171Kb / 4P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 212D12FR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com