Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP1H44CSTB Datasheet(PDF) 1 Page - GREATECS

Part # TP1H44CSTB
Description  Standard 6 x 6 mm Tactile Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP1H44CSTB Datasheet(HTML) 1 Page - GREATECS

  TP1H44CSTB Datasheet HTML 1Page - GREATECS TP1H44CSTB Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ø3.50
6.50±0.50
7.90±0.50
0.30
TP1H1: 0.5 MAX
TP1H2~TP1H6: 0.6 MAX
Ø3.50
6.50±0.50
7.90±0.50
Round Stem
Square Stem for Caps
0.30
Tactile Switches
Standard 6 x 6 mm Tactile Switches
TP1 Series
TP1H THT Terminals
TP1S SMT Terminals
General Specifications:
MATERIALS
» Contact Disc: Phosphor Bronze with silver cladding
» Terminal: Brass with silver plated
MECHANICAL
» Stroke: 0.25 (+0.2/-0.1) mm
» Operation Temperature: -25°C to +70°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life (Phosphor Bronze Dome):
50,000 cycles for 320gf, 520gf
100,000 cycles for 260gf
200,000 cycles for 100gf, 160gf
» Electrical Life (Stainless Steel Dome):
300,000 cycles for 320gf, 520gf
500,000 cycles for 260gf
1,000,000 cycles for 100gf, 160gf
» Rating: 50mA, 12VDC
» Contact Arrangement: 1 pole 1 throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature
at 260°C max. 5 seconds subject to PCB 1.6mm
thickness (for THT).
» Reflow Soldering: When applying reflow soldering,
the peak temperature or the reflow oven should be
set to 260°C max. 10 seconds max. (for SMT).
TP1
How to order:
1
2
3
4
6
sales@greatecs.com
www.greatecs.com
4.50±0.1
P.C.B. LAYOUT
CIRCUIT DIAGRAM
9.50
6.40
P.C.B. LAYOUT
CIRCUIT DIAGRAM
3.10
Ø4.50
A
A‘
R25
B‘
B
K06R Round Caps
Ø4.50
2.45
1.00
SEC A-A‘
FULL R0.3
SEC B-B‘
B
B‘
4.00
3.10
A
A‘
4.00
2.45
1.00
SEC A-A‘
FULL R0.3
SEC B-B‘
7
(Caps)
+
K06S Square Caps
TP1S44: 2.4
TP1S48: 2.8
TP1S44: 1.6
TP1S48: 2.0
Round Stem
Square Stem
0.70
15°
TP1H44: 2.4
TP1H48: 2.8
TP1H44: 1.6
TP1H48: 2.0
Round Stem
Square Stem
4.50
Round Stem
Square Stem
0.70
4.50
Round Stem
Square Stem
General Tolerance: ± 0.2 mm
Ø3.50
1.50±0.25
9.0
0°~10°
0.70
Ø3.50
0°~10°
9.0
Round Stem
Square Stem for Caps
+0.3
-0.2
H
S
1
2
3
44
48
5
6
A
K
C
J
E
Blank
S
TYPE OF TERMINALS:
THT
SMT
DIMENSION “H“:
H=4.3mm (Round Stem)
H=5.0mm (Round Stem)
H=7.0mm (Round Stem)
H=7.3mm (Square Stem 2.4mm)
H=7.3mm (Square Stem 2.8mm)
H=9.5mm (Round Stem)
H=13.0mm (Round Stem)
STEM COLOR & OPERATING FORCE:
Black & 100±50gf
Brown & 160±50gf
Red & 260±50gf
Salmon & 320±80gf
Yellow & 520±130gf
MATERIAL OF DOME:
Phosphor Bronze Dome
Stainless Steel Dome
BK
TB
TR
K06S
K06R
A
B
C
E
F
G
H
S
PACKAGE STYLE:
Bulk Pack
Tube (TP1S, TP1H1 & TP1H2 only)
Tape & Reel (TP1S only)
Optional:
CAP TYPE
(Only for Square Stems):
Square Caps
Round Caps
COLOR OF CAPS:
Black
Ivory
Red
Yellow
Green
Blue
Gray
Salmon
1
2
3
5
6
7
E01
4
5
Individual stem heights available by request


Similar Part No. - TP1H44CSTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Copal Electronics
TP1-01 COPAL-TP1-01 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TP1-01-L2 COPAL-TP1-01-L2 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TP1-01-L5 COPAL-TP1-01-L5 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
More results

Similar Description - TP1H44CSTB

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
   6 x 6 mm THT Tactile Switches with Ground Terminal
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
   Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWTW BITECH-SWTW Datasheet
232Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
TT Electronics.
SWTW TTELEC-SWTW Datasheet
170Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
   Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
Tyco Electronics
2-1437565-7 MACOM-2-1437565-7 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
4-1437565-2 MACOM-4-1437565-2 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com