Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIBBNBUGRH Datasheet(PDF) 1 Page - GREATECS

Part # TPIBBNBUGRH
Description  SPST THT Tactile Switches with LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TPIBBNBUGRH Datasheet(HTML) 1 Page - GREATECS

  TPIBBNBUGRH Datasheet HTML 1Page - GREATECS TPIBBNBUGRH Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tactile Switches
SPST THT Tactile Switches with LED
TPI Series
sales@greatecs.com
www.greatecs.com
1
How to order:
G
E
Blue
Yellow
F
C
Green
Red
B White
TPI
1
2
3
4
6
5
7
8
1
FRAME TYPE:
Right Angle Type
Top Type
H
E
Gray
Yellow
A
C
Black
Red
F
N
Green
No Color (Transparent, only T Type Cap)
A
B
General Specifications:
TPIAA...
TPIAA1...
TPIAB_ _ _ _R...
TPIBA...
P.C.B. LAYOUT
(Right Angle Type)
N Without
2
ACTUATOR TYPE:
A Type (Standard, no cap)
A1 Type without Cap (suitable to caps)
A1 Type with Cap
A
A1
B
3
FIRST ILLUMINATION BRIGHTNESS:
Ultra Bright (Standard)
No Illumination
U
N
4
FIRST ILLUMINATION COLOR:
G
E
Blue
Yellow
F
C
Green
Red
B White
N Without
5
SECOND ILLUMINATION BRIGHTNESS:
Ultra Bright (Standard)
No Illumination
U
N
6
SECOND ILLUMINATION COLOR:
7
CAP:
Round Cap for Dot Type Illumination
Round Cap Transparent (see next page)
Without Cap
R
T...
N
8
COLOR OF CAP (only for R Type Cap):
P.C.B. LAYOUT
(Top Type)
CIRCUIT DIAGRAM
Materials:
Cover: POM
Actuator: PBT + GF, PA + GF
Base Frame: PA + GF
Terminals: Brass with Silver Plating


Similar Part No. - TPIBBNBUGRH

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIBU-100 TOTAL-POWER-TPIBU-100 Datasheet
292Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-120 TOTAL-POWER-TPIBU-120 Datasheet
545Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-150 TOTAL-POWER-TPIBU-150 Datasheet
283Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-151 TOTAL-POWER-TPIBU-151 Datasheet
285Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results

Similar Description - TPIBBNBUGRH

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPO GREATECS-TPO Datasheet
365Kb / 1P
   SPST THT Tactile Switches with LED
TPN GREATECS-TPN Datasheet
325Kb / 1P
   SPST THT Tactile Switches with LED
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
   SPST SMT Tactile Switches with LED
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
   6 x 6 mm THT Tactile Switches with Ground Terminal
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
   12 x 12 mm THT Tactile Switches with Ground Terminal
TPK GREATECS-TPK Datasheet
425Kb / 3P
   Tactile Switches with LED (two colors available)
logo
Mitsumi Electronics, Co...
SOE-222HST MITSUMI-SOE-222HST Datasheet
70Kb / 2P
   With Button Tactile Switches
SOF MITSUMI-SOF Datasheet
257Kb / 2P
   Tactile Switches With Button
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com