Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFS150B12N3E4_B31 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IFS150B12N3E4_B31
Description  IGBT-modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFS150B12N3E4_B31 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IFS150B12N3E4_B31 Datasheet HTML 1Page - Infineon Technologies AG IFS150B12N3E4_B31 Datasheet HTML 2Page - Infineon Technologies AG IFS150B12N3E4_B31 Datasheet HTML 3Page - Infineon Technologies AG IFS150B12N3E4_B31 Datasheet HTML 4Page - Infineon Technologies AG IFS150B12N3E4_B31 Datasheet HTML 5Page - Infineon Technologies AG IFS150B12N3E4_B31 Datasheet HTML 6Page - Infineon Technologies AG IFS150B12N3E4_B31 Datasheet HTML 7Page - Infineon Technologies AG IFS150B12N3E4_B31 Datasheet HTML 8Page - Infineon Technologies AG IFS150B12N3E4_B31 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
!"
!"
!
"
F
8
N
)
:
)
7@A / %C
'556
'
*
)
8
*
9
0l
%
4
F
8
N
:
9
O /
0l56
4
P
N
)
0m
'5 /
'M O /
M 7@A /
%C
'5 /
'M O /
M 7@A / % C
0m
%
K%
4m
4m
#
$
S
*
8
)
9
)
0l / % 4M 'Q- /
'
0l / % 4M 'Q- /
'
0l / % 4M 'Q- /
'
'l
M
M %
M %
M %
'
'
'
7@A / %C
7@A /
%C
7@A / % C
X\ :
N
:
0l / % 4M
l+
/
4+W "7@A/ % C &
'5 /
'
'Q- /
% '
056
U
%
4
4
4
7@A / %C
7@A /
%C
7@A / % C
N^)
)
)
8 )
0l / % 4M
l+
/
4+W "7@A/ % C &
'5 /
'
'Q- /
% '
V]
UM
%M
$M
W
W
W
7@A / %C
7@A /
%C
7@A / % C
4
8
)
F
)
0l / % 4M
l+
/
4+W "7@A/ % C &
'5 /
'
'Q- /
% '
#][n
M
M%
M%
b
b
b
7@A / %C
7@A /
%C
7@A / % C
0
E(
9
8
M f
*
+
X?Tg,
M
% H+E
h
)
) E(
9
8
M
8
:
*
+
iO>=?[ /
E+" eH& +
ij][>=[ /
E+" eH&
X?T,k
M %%
H+E
%
&
S
<
9
7n /
C
Xop
M
Z
7
:
N
"
&
C
C
q
BB3rs
G
8
E
8
7?@A2B
C
0
E(
9
t *
8
t f
:
X?Tg,
M
H+E
' #
' #
#
$
S
<
9
7, / %C
Xou
%M
:Z
4 9
8
)
Xvpp
Xvpp
7, /
C M Xvpp / UK Z
wX+X
%
%x
'
)
9
7, / %C
Fou
M
E
G E
G
Xo / Xou S yGourup" +7o
+" K$M % H&&z
Gourup
%
H
G E
G
Xo / Xou S yGour{p" +7o
+" K$M % H&&z
Gour{p
U
H
G E
G
Xo / Xou S yGourvpp" +7o
+" K$M % H&&z
Gourvpp
U
H
$ % &
%
'( %) % $**
+
*
! %
, ! **
+


Similar Part No. - IFS150B12N3E4_B31

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFS150B12N3T4_B31 INFINEON-IFS150B12N3T4_B31 Datasheet
419Kb / 8P
   MA3AE12_EVAL – Isolating Amplifier for current measurement with MIPAQTM Base
V1.1, June 2014
More results

Similar Description - IFS150B12N3E4_B31

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com