Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZN6331 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZN6331
Description  2.4 ??200 VOLTS ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN6331 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZN6331 Datasheet HTML 1Page - Solid States Devices, Inc SZN6331 Datasheet HTML 2Page - Solid States Devices, Inc SZN6331 Datasheet HTML 3Page - Solid States Devices, Inc SZN6331 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00011F
DOC
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/
SZN6309D through SZN6355D are 1 percent voltage tolerance. SZN6309C through SZN6355C are 2 percent voltage tolerance. SZN6309 through
SZN6355 are 5 percent voltage tolerance.
4/
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect
on the measured value due to heating effects.
5/ For SZN6309-SZN6319 the test currents shall be at 2 mA and 20 mA.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZN6309 thru SZN6355 Series
Electrical Characteristics @ 25°C
PART
NUMBER
VZ2
VZ1
IZ1
ZZT
ZZK
IZM
VZ(reg)
5/
IZSM
VR
IR1
IR2
ND
α VZ
@ IZ1
3/ 4/
@ 250
μA
Test
Current
@ IZ1
@ 250
µA
Max DC
current
@ 10
to 50%
of IZM
Peak
Surge
(square)
Test
Voltage
@ VR
@ VR
TA=
+150°C
@ 250
µA
1-3 kHz
@ IZ1
T1= +25°C
T2= +125°C
Nom
Min
Max
Max
Max
Rating
Max
Max
Max
Max
V
V
mA
mA
V
A
V
µA
µA
µV√Hz
%/°C
SZN6309
SZN6310
SZN6311
SZN6312
SZN6313
2.4
2.7
3.0
3.3
3.6
1.1
1.2
1.3
1.5
1.8
20
20
20
20
20
30
30
29
27
25
1200
1300
1400
1400
1400
177
157
141
128
117
1.50
1.50
1.50
1.60
1.60
2.50
2.20
2.00
1.80
1.65
1.0
1.0
1.0
1.0
1.0
100
60
30
5
3
200
150
100
20
12
1
1
1
1
1
-.085
-.080
-.075
-.070
-.065
SZN6314
SZN6315
SZN6316
SZN6317
SZN6318
3.9
4.3
4.7
5.1
5.6
2.0
2.4
2.8
3.3
4.3
20
20
20
20
20
23
20
17
14
8
1700
1700
1500
1300
1200
108
99
90
83
76
1.60
0.90
0.70
0.50
0.40
1.50
1.40
1.27
1.17
1.10
1.0
1.0
1.5
2.0
2.5
2
2
5
5
5
12
12
12
12
10
1
1
1
1
2
-.060
-.045
/+.020
-.028
/+.032
-.020
/+.035
+.050
SZN6319
SZN6320
SZN6321
SZN6322
SZN6323
6.2
6.8
7.5
8.2
9.1
5.2
6.0
6.6
7.5
8.4
20
20
20
20
20
3
3
4
5
6
800
700
700
700
700
68
63
57
52
47
0.30
0.35
0.40
0.40
0.55
0.97
1.23
1.16
1.07
0.95
3.5
4.0
5.0
6.0
7.0
5
2
2
1
1.00
10
50
30
10
10
5
5
5
20
40
+.060
+.062
+.068
+.077
+.078
SZN6324
SZN6325
SZN6326
SZN6327
SZN6328
10.0
11.0
12.0
13.0
15.0
9.1
10.0
11.0
11.9
13.8
20
20
20
9.5
8.5
6
7
7
8
10
800
800
800
800
800
43
39
35
33
28
0.55
0.55
0.60
0.60
0.70
0.85
0.81
0.77
0.71
0.62
8.0
8.5
9.0
9.9
11.0
1.00
1.00
1.00
0.05
0.05
10
10
10
10
10
80
100
100
100
100
+.079
+.082
+.083
+.083
+.084
SZN6329
SZN6330
SZN6331
SZN6332
SZN6333
16.0
18.0
20.0
22.0
24.0
14.7
16.6
18.5
20.4
22.3
7.8
7.0
6.2
5.6
5.2
12
14
18
20
24
800
800
800
800
800
27
24
21
19
18
0.75
0.85
0.95
1.05
1.15
0.58
0.52
0.47
0.43
0.39
12.0
14.0
15.0
17.0
18.0
0.05
0.05
0.05
0.05
0.05
10
10
10
10
10
100
100
100
100
100
+.084
+.085
+.086
+.087
+.088


Similar Part No. - SZN6331

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN6485 SSDI-SZN6485 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6485 SSDI-SZN6485 Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
SZN6486 SSDI-SZN6486 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6487 SSDI-SZN6487 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6488 SSDI-SZN6488 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZN6331

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
New Jersey Semi-Conduct...
1N5221A NJSEMI-1N5221A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
112Kb / 2P
   500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
Solid States Devices, I...
SZ25A2.4 SSDI-SZ25A2.4_1 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Solid States Devices, I...
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BZT52B2V4LS MCC-BZT52B2V4LS Datasheet
607Kb / 4P
   200 mW Zener Diode 2.4~75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com