Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZN5086 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZN5086
Description  6.8 ??400 VOLTS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN5086 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZN5086 Datasheet HTML 1Page - Solid States Devices, Inc SZN5086 Datasheet HTML 2Page - Solid States Devices, Inc SZN5086 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZN5063 thru SZN5117 Series
Electrical Characteristics @ 25°C
Nominal
Zener
Voltage
(note 1)
Zener
Test Current
Maximum
Zener
Impedance
(note 2)
Maximum
Continuous
Current
(note 3)
Regulation
Iz = 10% to
50% of Iz
max
Maximum
Surge Current
(note 4)
Maximum Reverse
Leakage Current
Forward
Voltage
Drop @
1A
PART
NUMBER
VZ @ IZT
IZT
ZZ @ IZT
IZM
∆Vz
IFSM
VR
I
(note 8)R
Vf
V
mA
mA
V
A
V
µA
V
SZN5063
SZN5064
SZN5065
SZN5066
SZN5067
6.8
7.5
8.2
9.1
10
75
75
75
75
75
2
2
3
3
4
440
400
360
330
300
0.7
0.7
0.7
0.7
0.7
10.0
8.0
7.0
6.0
5.0
5.2
5.7
6.2
6.9
7.6
500
300
200
100
40
1.5
1.5
1.5
1.5
1.5
SZN5068
SZN5069
SZN5070
SZN5071
SZN5072
11
13
14
15
16
70
50
50
50
50
5
6
6
6
7
275
230
210
200
185
0.7
0.7
0.7
0.8
0.9
4.5
4.0
4.0
3.0
3.0
8.4
9.9
10.7
11.4
12.2
25
10
10
10
5
1.5
1.5
1.5
1.5
1.5
SZN5073
SZN5074
SZN5075
SZN5076
SZN5077
18
22
24
27
30
40
30
30
25
25
8
10
10
12
15
170
135
125
110
100
1.0
1.8
2.0
2.0
2.5
2.0
2.0
1.5
1.5
1.5
13.7
16.7
18.2
20.6
22.8
5
5
5
1
1
1.5
1.5
1.5
1.5
1.5
SZN5078
SZN5079
SZN5080
SZN5081
SZN5082
33
36
39
40
43
20
20
20
20
15
21
21
27
27
35
90
85
80
75
70
2.8
3.0
3.0
3.0
3.3
1.2
1.0
1.0
1.0
0.8
25.1
27.4
29.7
30.4
32.7
1
1
1
1
1
1.5
1.5
1.5
1.5
1.5
SZN5083
SZN5084
SZN5085
SZN5086
SZN5087
45
47
50
51
56
15
15
15
15
10
37
43
50
50
70
65
62
60
60
55
3.5
3.5
3.6
3.8
4.0
0.8
0.8
0.8
0.80
0.70
34.2
35.8
38.0
38.8
42.6
1
1
1
1
1
1.5
1.5
1.5
1.5
1.5
SZN5088
SZN5089
SZN5090
SZN5091
SZN5092
60
62
68
70
75
10
10
10
10
10
70
75
85
90
100
50
45
45
45
40
4.8
4.8
5.7
5.8
6.8
0.60
0.60
0.60
0.60
0.50
45.6
47.1
51.7
53.3
56.0
1
1
1
1
1
1.5
1.5
1.5
1.5
1.5
SZN5093
SZN5094
SZN5095
SZN5096
SZN5097
80
82
91
110
120
10
10
8.0
5.0
5.0
115
120
155
250
325
35
35
30
25
25
7.7
7.8
8.0
9.0
11
0.40
0.40
0.40
0.30
0.20
60.9
62.2
69.2
83.6
91.2
1
1
1
1
1
1.5
1.5
1.5
1.5
1.5
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00009E
DOC


Similar Part No. - SZN5086

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5914 SSDI-SZN5914 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5915 SSDI-SZN5915 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5916 SSDI-SZN5916 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5917 SSDI-SZN5917 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZN5086

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN4954 SSDI-SZN4954 Datasheet
204Kb / 3P
   6.8 ??390 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706_1 Datasheet
120Kb / 2P
   6.8 ??270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
Z00010D SSDI-Z00010D Datasheet
204Kb / 3P
   5 W 6.8 ??390 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N957 GOOD-ARK-1N957_15 Datasheet
59Kb / 2P
   Zener Diodes Nominal Zener Voltage 6.8 to 91 Volts Power Dissipation 500mW
logo
Micro Commercial Compon...
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
1.5KE6.8 YFWDIODE-1.5KE6.8 Datasheet
433Kb / 6P
   1500 Transieny Voltage Suppressors 6.8 to 400 Volts
logo
Central Semiconductor C...
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com