Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZN5074 Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # SZN5074
Description  6.8 ??400 VOLTS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN5074 Datasheet(HTML) 3 Page - Solid States Devices, Inc

  SZN5074 Datasheet HTML 1Page - Solid States Devices, Inc SZN5074 Datasheet HTML 2Page - Solid States Devices, Inc SZN5074 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTES:
1/
All zener voltages are measured with an automated test set using a 20-50 msec test time. Longer or shorter test time will have a corresponding
effect on the measured value due to heating effects.
2/
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the
test current.
3/
Ratings based on maximum zener voltage of individual units (leaded units).
4/
Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square pulse rating is 71% of the value
shown.
5/
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
6/
For Ordering Information, Price, and Availability- Contact Factory.
7/
Screening based on MIL-PRF-19500. Screening flows available on request.
8/
For 10% tolerance devices, reduce Vr test voltage by 5%
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZN5063 thru SZN5117 Series
SZN5098
SZN5099
SZN5100
SZN5101
SZN5102
130
140
160
170
180
5.0
5.0
4.0
4.0
4.0
375
550
700
750
850
20
20
20
18
18
14
14
16
16
17
0.20
0.20
0.15
0.15
0.10
98.8
106.4
121.6
129.2
136.8
1
1
1
1
1
1.5
1.5
1.5
1.5
1.5
SZN5103
SZN5104
SZN5105
SZN5106
SZN5107
190
200
220
240
260
4.0
4.0
3.0
3.0
3.0
900
950
1100
1300
1500
15
15
15
12
12
17
17
18
21
21
0.10
0.10
0.09
0.09
0.08
144.7
152.0
167
182
198
1
1
1
1
1
1.5
1.5
1.5
1.5
1.5
SZN5108
SZN5109
SZN5110
SZN5111
SZN5112
270
280
300
320
330
3.0
3.0
3.0
2.0
2.0
1600
1700
1900
2100
2250
10
10
10
9
9
22
23
26
26
30
0.08
0.08
0.07
0.07
0.06
206
213
228
244
251
1
1
1
1
1
1.5
1.5
1.5
1.5
1.5
SZN5113
SZN5114
SZN5115
SZN5116
SZN5117
340
360
380
390
400
2.0
2.0
2.0
2.0
2.0
2400
2700
3000
3250
3500
8
8
8
7
7
33
33
34
37
40
0.06
0.06
0.06
0.06
0.06
259
274
289
297
304
1
1
1
1
1
1.5
1.5
1.5
1.5
1.5
Electrical Characteristics @ 25°C
Nominal
Zener
Voltage
(note 1)
Zener
Test Current
Maximum
Zener
Impedance
(note 2)
Maximum
Continuous
Current
(note 3)
Regulation
Iz = 10% to
50% of Iz
max
Maximum
Surge Current
(note 4)
Maximum Reverse
Leakage Current
(note 8)
Forward
Voltage
Drop @
1A
PART
NUMBER
VZ @ IZT
IZT
ZZ @ IZT
IZM
∆Vz
IFSM
VR
IR
Vf
V
mA
mA
V
A
V
µA
V
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00009E
DOC


Similar Part No. - SZN5074

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5914 SSDI-SZN5914 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5915 SSDI-SZN5915 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5916 SSDI-SZN5916 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5917 SSDI-SZN5917 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZN5074

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN4954 SSDI-SZN4954 Datasheet
204Kb / 3P
   6.8 ??390 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706_1 Datasheet
120Kb / 2P
   6.8 ??270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
Z00010D SSDI-Z00010D Datasheet
204Kb / 3P
   5 W 6.8 ??390 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N957 GOOD-ARK-1N957_15 Datasheet
59Kb / 2P
   Zener Diodes Nominal Zener Voltage 6.8 to 91 Volts Power Dissipation 500mW
logo
Micro Commercial Compon...
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
1.5KE6.8 YFWDIODE-1.5KE6.8 Datasheet
433Kb / 6P
   1500 Transieny Voltage Suppressors 6.8 to 400 Volts
logo
Central Semiconductor C...
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com