Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK42D1A2B2T6AUEV Datasheet(PDF) 1 Page - GREATECS

Part # TK42D1A2B2T6AUEV
Description  Sealed Sub-Miniature SPDT Toggle Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK42D1A2B2T6AUEV Datasheet(HTML) 1 Page - GREATECS

  TK42D1A2B2T6AUEV Datasheet HTML 1Page - GREATECS TK42D1A2B2T6AUEV Datasheet HTML 2Page - GREATECS TK42D1A2B2T6AUEV Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Toggle Switches
Sealed Sub-Miniature SPDT Toggle Switches
TK41 Series
TK41S1A1B1T2_E_
THT
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
» Degree of Protection: IP67
CONTACT RATING
» AG, GT, UG & UGT: 3A120VAC/28VDC
1A250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 10m
max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
min.
TK41
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
TK41S3A2B1T7_E_
THT Vertical Right Angle
6
5
7
TK41S1A2B1T6_E_
THT Right Angle
TK41S1A2B1VS2_E_
V-Bracket
S1
S2
S3
S4
S5
S6
A1
A2
A3
A4
AA
AB
B1
B3
T2
T5
T6
T6N
POLES & SWITCH FUNCTION:
SP ON-NONE-ON
SP ON-NONE-MOM
SP ON-OFF-ON
SP MOM-OFF-MOM
SP ON-OFF-MOM
SP OFF-NONE-ON
ACTUATOR (See page A14):
Height = 10.16 mm
Height = 6.10 mm
Height = 8.13 mm
Height = 13.97 mm
Height = 10.16 mm, plastic,
anti-static
Height = 6.10 mm, plastic,
anti-static
BUSHING (See page A14):
Height = 4.65 mm
Height = 5.00 mm
TERMINALS (See page A14):
PC Thru Hole
Wire Wrap
PC Thru Hole Right Angle
PC Thru Hole Right Angle Snap-In
T7
T7N
VS2
V2N
AG
AU
UT
GT
UG
UGT
E
blank
V
PC Thru Hole, Vertical Right Angle
PC Thru Hole, Vertical Right Angle,
Snap-in
V-Bracket, Height=9.30mm
Snap-in V-Bracket, Height=9.30mm
CONTACT MATERIAL:
Silver
Gold
Gold, Tin-Lead
Silver, Tin-Lead
Gold over Silver
Gold over Silver, Tin-Lead
SEAL:
Epoxy (Standard)
ROHS & LEAD FREE:
RoHS Compliant (Standard)
RoHS Compliant & Lead Free
1
2
3
4
6
5
7
6.10
4.11
4.18
0.40
5.08
3.30
0.76
0.51
EPOXY
SEAL
5.84
9.30
0.76
3.30
5.08
Ø4.80
EPOXY
SEAL
10.16
0.51
2.54
4.65
13.54
Ø2.54
3.30
1
2
3
5.08
1
2
3
8.13
0.76
1
3
TK41S6: Omit 2nd terminal
6.32
0.76
5.08
8.13
5.08
5.08
0.51
1 2 3
3 2 1
2.54
5.08
5.08
Ø1.09
P.C. MOUNTING
2.54
4.11
13.46
6.10
0.41
3.30
5.08
0.51
EPOXY
SEAL
0.51
4.19
1
2
3
5.90
0.76
8.13
0.76
1 2 3
4.11
10.16
EPOXY
SEAL
6.10
0.40
2.54
0.51
1 2 3
No. Poles
Model No.
Switch Function
Connected Terminals / Shematic
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
SP
TK41S1
ON
NONE
ON
2-3
N/A
2-1
SP
TK41S2
ON
NONE
MOM
SP
TK41S3
ON
OFF
ON
OPEN
SP
TK41S4
MOM
OFF
MOM
SP
TK41S5
ON
OFF
MOM
SP
TK41S6
OFF
NONE
ON
OPEN
N/A
3-1
2.54
5.08
Ø1.09
P.C. MOUNTING
Ø1.09
2.54
10.16
P.C. MOUNTING
A12
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request


Similar Part No. - TK42D1A2B2T6AUEV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK42A12N1 TOSHIBA-TK42A12N1 Datasheet
239Kb / 9P
   Switching Voltage Regulators
TK42A12N1 TOSHIBA-TK42A12N1 Datasheet
239Kb / 9P
   Switching Voltage Regulators
logo
Inchange Semiconductor ...
TK42A12N1 ISC-TK42A12N1 Datasheet
342Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK42E12N1 TOSHIBA-TK42E12N1 Datasheet
250Kb / 9P
   Switching Voltage Regulators
logo
Inchange Semiconductor ...
TK42E12N1 ISC-TK42E12N1 Datasheet
328Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - TK42D1A2B2T6AUEV

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com