Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK41S3A2B1T7UGTEV Datasheet(PDF) 2 Page - GREATECS

Part # TK41S3A2B1T7UGTEV
Description  Sealed Sub-Miniature SPDT Toggle Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK41S3A2B1T7UGTEV Datasheet(HTML) 2 Page - GREATECS

  TK41S3A2B1T7UGTEV Datasheet HTML 1Page - GREATECS TK41S3A2B1T7UGTEV Datasheet HTML 2Page - GREATECS TK41S3A2B1T7UGTEV Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Toggle Switches
Sealed Sub-Miniature DPDT Toggle Switches
TK42 Series
TK42D1A1B2T2_E_
THT
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
» Degree of Protection: IP67
CONTACT RATING
» AG, GT, UG & UGT: 3A120VAC/28VDC
1A250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 10m
max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
min.
TK42
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
TK42D1A2B2T7_E_
THT Vertical Right Angle
6
5
7
TK42D1A2B2T6_E_
THT Right Angle
TK42D1A2B2VS2_E_
V-Bracket
D1
D2
D3
D6
A1
A2
A3
A4
AA
AB
B2
T2
T5
T6
T6N
T7
POLES & SWITCH FUNCTION:
DP ON-NONE-ON
DP ON-NONE-MOM
DP ON-OFF-ON
DP ON-ON-ON
ACTUATOR (See page A14):
Height = 10.16 mm
Height = 6.10 mm
Height = 8.13 mm
Height = 13.97 mm
Height = 10.16 mm, plastic,
anti-static
Height = 6.10 mm, plastic,
anti-static
BUSHING (See page A14):
Height = 4.50 mm
TERMINALS (See page A14):
PC Thru Hole
Wire Wrap
PC Thru Hole Right Angle
PC Thru Hole Right Angle Snap-In
PC Thru Hole, Vertical Right Angle
T7N
VS2
V2N
AG
AU
UT
GT
UG
UGT
E
blank
V
PC Thru Hole, Vertical Right
Angle, Snap-in
V-Bracket, Height=9.30mm
Snap-in V-Bracket,
Height=9.30mm
CONTACT MATERIAL:
Silver
Gold
Gold, Tin-Lead
Silver, Tin-Lead
Gold over Silver
Gold over Silver, Tin-Lead
SEAL:
Epoxy (Standard)
ROHS & LEAD FREE:
RoHS Compliant (Standard)
RoHS Compliant & Lead Free
1
2
3
4
6
5
7
Ø4.80
EPOXY
SEAL
10.16
0.51
2.54
4.50
13.39
Ø2.54
3.30
4
5
6
Ø4.80
8.13
9.14
5.08
0.76
4
5
6
1
2
3
6.10
4.11
4.18
0.40
5.08
3.30
0.51
EPOXY
SEAL
0.76
2.54
0.76
5.08
10.16
8.13
9.14
5.08
0.51
1 2 3
4 5 6
P.C. MOUNTING
3
2
1
6
5
4
2.54
5.08
5.08
2.54
Ø1.09
3.30
4.11
6.10
4.19
0.41
5.08
2.54
0.51
13.46
0.51
EPOXY
SEAL
10.11
0.76
5.08
10.11
9.30
3.30
0.76
5.08
6.10
4.11
EPOXY
SEAL
0.40
10.16
2.54
0.51
4 5 6
5.08
2.54
2.54
10.16
Ø1.09
P.C. MOUNTING
No. Poles
Model No.
Switch Function
Connected Terminals / Shematic
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
DP
TK42D1
ON
NONE
ON
2-3, 5-6
N/A
2-1, 5-4
DP
TK42D2
ON
NONE
MOM
DP
TK42D3
ON
OFF
ON
OPEN
DP
TK42D6
ON
ON
ON
2-3, 5-6
2-3, 5-4
2-1, 5-4
2.54
5.08
5.08
2.54
Ø1.09
3
6
2
5
1
4
P.C. MOUNTING
8.13
0.76
3 2 1
6 5 4
A13
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request


Similar Part No. - TK41S3A2B1T7UGTEV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK40A06N1 TOSHIBA-TK40A06N1 Datasheet
238Kb / 9P
   Switching Voltage Regulators
logo
Inchange Semiconductor ...
TK40A06N1 ISC-TK40A06N1 Datasheet
342Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK40A08K3 TOSHIBA-TK40A08K3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK40A10J1 TOSHIBA-TK40A10J1 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
More results

Similar Description - TK41S3A2B1T7UGTEV

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com