Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK60S1A1B1T2RE Datasheet(PDF) 1 Page - GREATECS

Part # TK60S1A1B1T2RE
Description  Sealed Ultraminiature Toggle Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK60S1A1B1T2RE Datasheet(HTML) 1 Page - GREATECS

  TK60S1A1B1T2RE Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toggle Switches
Sealed Ultraminiature Toggle Switches
TK60 Series
TK60S1A1B1T2RE SP THT
General Specifications:
MATERIALS
» Actuator: Glass filled nylon 6/6(UL94V-0) or 4/6
flame retardant, heat stabilized, with
standard internal o-ring seal.
TK60
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
TK60S1A1B1T6RE
SP THT Vertical Right Angle
5
TK60D1A1B1T2RE
DP THT Right Angle
TK60D1A1B1T6RE
S1
S2
S9
D1
D2
T2
T6
T7
POLES & SWITCH FUNCTION:
SP ON-NONE-ON
SP ON-NONE-MOM
SP OFF-NONE-ON
DP ON-NONE-ON
DP ON-NONE-MOM
TERMINALS:
PC Thru Hole
PC Thru Hole Right Angle
PC Thru Hole Vertical Right Angle
AU
E
blank
V
CONTACT MATERIAL:
Gold
SEAL:
Epoxy (Standard)
ROHS & LEAD FREE:
RoHS Compliant (Standard)
RoHS Compliant & Lead Free
1
4
6
5
7
No. Poles
Model No.
Switch Function
Connected Terminals / Shematic
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
SP
TK60S1
ON
NONE
ON
TK60S2
ON
NONE
MOM
TK60S3
ON
OFF
ON
TK60S9
OFF
NONE
ON
TK60D1
ON
NONE
ON
TK60S1A1B1T7RE
TK60D1A1B1T7RE
DP THT
SP THT Right Angle
DP THT Vertical Right Angle
N/A
OPEN
N/A
» Housing & Base: Glass filled nylon 6/6(UL94V-0)
» Switching Support: Steel, with nickel plated
» Contact/Terminals: Silver or gold plated over
copper alloy
MECHALNICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 40,000 cycles
CONTACKT RATING
» 0.4 VA max. @ 20V AC/DC max.
ELECTRICAL
» Contact Resistance: 100m
Ω typ. initial @ 2-4 VDC,
» Isulation Resistance: 500M
Ω min.
» Doeletric Strength: 500 V RMS @sea level
N/A
TK60D2
ON
NONE
MOM
OPEN
DP
TK60D3
ON
OFF
ON
TK60D9
OFF
NONE
ON
N/A
OPEN
OPEN
S3
D3
D9
SP ON-OFF-ON
DP ON-OFF-ON
DP OFF-NONE-ON
A1
ACTUATOR:
Height=3.80 mm
2
B1
BUSHING:
Height=1.60 mm
3
6
7
P. C. MOUNTING
P. C. MOUNTING
P. C. MOUNTING
P. C. MOUNTING
P. C. MOUNTING
P. C. MOUNTING
» Degree of Protection: IP67


Similar Part No. - TK60S1A1B1T2RE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK60S10N1L TOSHIBA-TK60S10N1L Datasheet
652Kb / 10P
   MOSFETs Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.4.0
More results

Similar Description - TK60S1A1B1T2RE

ManufacturerPart #DatasheetDescription
logo
C&K Components
GT11MSCBE CK-COMPONENTS-GT11MSCBE Datasheet
419Kb / 5P
   Sealed Ultraminiature Toggle Switches
GT CK-COMPONENTS-GT Datasheet
847Kb / 6P
   Sealed Ultraminiature Toggle Switches
4 Mar 22
GT11MCXE CK-COMPONENTS-GT11MCXE Datasheet
410Kb / 5P
   Sealed Ultraminiature Toggle Switches
logo
ITT Industries
GT11MCBE ITT-GT11MCBE Datasheet
565Kb / 5P
   Sealed Ultraminiature Toggle Switches
logo
C&K Components
GT21MSCBE CK-COMPONENTS-GT21MSCBE Datasheet
419Kb / 5P
   GT Series Sealed Ultraminiature Toggle Switches
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
   Sealed Toggle Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
   Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
   Sealed Ultraminiature Pushbutton Switches
2 Mar 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com