Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD5KB6.0 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # STD5KB6.0
Description  UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STD5KB6.0 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  STD5KB6.0 Datasheet HTML 1Page - Solid States Devices, Inc STD5KB6.0 Datasheet HTML 2Page - Solid States Devices, Inc STD5KB6.0 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00030B
DOC
STD5KA5.0 – STD5KA110
STD5KB5.0 – STD5KB110
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ELECTRICAL CHARACTERISTICS
Part
Number
Breakdown Voltage
VBR (note 1)
Reverse
Stand Off
Voltage
Maximum
Reverse
Leakage
Current
Maximum
Peak Pulse
Current
Maximum
Clamping Voltage
@
IPPM (Note 2)
Max
Temperature
Coefficient
Min
Max
@IT
VWM
IR@VWM
IPPM
VC
VBR
For 5% Voltage
Tolerance specify
“B” in place of “A”
VBR
VBR
mA
Volts
ID(µA)
Amps
Volts
%/°C
STD5KA5.0
STD5KB5.0
STD5KA6.0
STD5KB6.0
STD5KA7.0
STD5KB7.0
STD5KA8.0
STD5KB8.0
STD5KA9.0
STD5KB9.0
STD5KA10
STD5KB10
STD5KA12
STD5KB12
STD5KA14
STD5KB14
STD5KA16
STD5KB16
STD5KA18
STD5KB18
STD5KA20
STD5KB20
STD5KA22
STD5KB22
STD5KA24
STD5KB24
STD5KA26
STD5KB26
STD5KA28
STD5KB28
STD5KA30
STD5KB30
STD5KA33
STD5KB33
STD5KA36
STD5KB36
STD5KA40
STD5KB40
STD5KA43
STD5KB43
STD5KA45
STD5KB45
STD5KA48
STD5KB48
6.4
6.4
6.67
6.67
7.78
7.78
8.89
8.89
10.0
10.0
11.1
11.1
13.3
13.3
15.6
15.6
17.8
17.8
20.0
20.0
22.2
22.2
24.4
24.4
26.7
26.7
28.9
28.9
31.1
31.1
33.3
33.3
36.7
36.7
40.0
40.0
44.4
44.4
47.8
47.8
50.0
50.0
53.3
53.3
7.30
7.00
8.15
7.37
9.51
8.6
10.9
9.83
12.2
11.1
13.6
12.3
16.3
14.7
19.1
17.2
21.8
19.7
24.4
22.1
27.1
24.5
29.8
26.9
32.6
29.5
35.3
31.9
38.0
34.4
40.7
36.8
44.9
40.6
48.9
44.2
54.3
49.1
58.4
52.8
61.1
55.3
65.2
58.9
50
50
50
50
50
50
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
6.0
6.0
7.0
7.0
8.0
8.0
9.0
9.0
10.0
10.0
12.0
12.0
14.0
14.0
16.0
16.0
18.0
18.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
43.0
43.0
45.0
45.0
48.0
48.0
2000
2000
5000
5000
1000
1000
150
150
20.0
20.0
15.0
15.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
520
543
439
485
378
417
333
367
295
325
266
294
227
251
194
215
176
176
155
172
139
154
127
141
116
128
107
119
99
110
93
103
85
94
78
85
70
78
65
72
62
69
58
65
9.6
9.2
11.4
10.3
13.3
12.0
15.0
13.6
16.9
15.4
18.8
17.0
22.0
19.9
25.8
23.2
28.8
28.8
32.2
29.2
35.8
32.4
39.4
35.5
43.0
38.9
46.6
42.1
50.1
45.4
53.5
48.4
59.0
53.3
64.3
58.1
71.4
64.5
76.7
69.4
80.3
72.7
85.5
77.4
0.057
0.057
0.061
0.061
0.068
0.068
0.075
0.075
0.081
0.081
0.084
0.084
0.088
0.088
0.092
0.092
0.096
0.096
0.098
0.098
0.099
0.099
0.100
0.100
0.101
0.101
0.101
0.101
0.102
0.102
0.103
0.103
0.104
0.104
0.104
0.104
0.105
0.105
0.105
0.105
0.106
0.106
0.106
0.106
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department.
Notes:
1.
VBR measured after IT applied for 300 ms. IT = Square Wave Pulse or equivalent.
2.
Surge Current waveform per “Current Pulse Waveform” graph and Derate per “Peak Pulse Power vs. Temperature Derating Curve” graph.


Similar Part No. - STD5KB6.0

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD500BLK VCC-STD500BLK Datasheet
67Kb / 1P
   STD
logo
SamHop Microelectronics...
STD5025NLS SAMHOP-STD5025NLS Datasheet
791Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STD5025NLS VBSEMI-STD5025NLS Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
   N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
logo
VBsemi Electronics Co.,...
STD50N03L VBSEMI-STD50N03L Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD5KB6.0

ManufacturerPart #DatasheetDescription
logo
Sensitron
704-15K36T SENSITRON-704-15K36T_09 Datasheet
161Kb / 7P
   Transient Voltage Suppressor, Unidirectional
PHP8.4 SENSITRON-PHP8.4 Datasheet
52Kb / 3P
   Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
T00006 SSDI-T00006 Datasheet
80Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B_15 Datasheet
196Kb / 3P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00006 SSDI-T00006_15 Datasheet
80Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
704-15K36 SENSITRON-704-15K36 Datasheet
170Kb / 7P
   Transient Voltage Suppressor, Unidirectional
logo
Solid States Devices, I...
STA3KA13.6JE SSDI-STA3KA13.6JE_1 Datasheet
74Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004_15 Datasheet
50Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00004 SSDI-T00004 Datasheet
50Kb / 2P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
T00030B SSDI-T00030B Datasheet
196Kb / 3P
   UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com