Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS1A2B1MTGTER Datasheet(PDF) 1 Page - GREATECS

Part # STS1A2B1MTGTER
Description  Sub-Miniature Sealed SMT Toggle Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

STS1A2B1MTGTER Datasheet(HTML) 1 Page - GREATECS

  STS1A2B1MTGTER Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Switches
Sub-Miniature Sealed SMT Toggle Switches
ST Series
STS1A2B1MT_E
General Specifications:
MATERIALS
» Contact/Terminals: Copper Alloy, with Silver or gold
plated
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
CONTACT RATING
» AG, GT, UG & UGT:
3A120VAC/28VDC; 1A250VAC
» AU & UT:
0.4VA max. 20V max. (AC/DC)
CONTACT RESISTANCE
» 20mΩ max. initial @ 2-4VDC 100mA for silver & gold
plated contacts
INSULATION RESISTANCE
» 1,000MΩ min.
ST
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
STS1ABB1MZ_E
6
5
7
S1
S2
S3
S4
S5
A1
A2
A4
AA
AB
B1
POLES & SWITCH FUNCTION:
SP ON-NONE-ON
SP ON-NONE-MOM
SP ON-OFF-ON
SP MOM-OFF-MOM
SP ON-OFF-MOM
ACTUATOR:
Height = 10.16 mm
Height = 6.10 mm
Height = 13.97 mm
Height = 10.16 mm, plastic,
anti-static
Height = 6.10 mm, plastic,
anti-static
BUSHING:
Height = 4.35 mm (Standard)
MT
MZ
AG
AU
UT
GT
UG
UGT
E
R
V
TERMINALS:
Right Angle Surface Mount Type 1
Right Angle Surface Mount Type 2
CONTACT MATERIAL:
Silver
Gold
Gold, Tin-Lead
Silver, Tin-Lead
Gold over Silver
Gold over Silver, Tin-Lead
SEAL:
Epoxy (Standard)
ROHS & LEAD FREE:
RoHS Compliant (Standard)
RoHS Compliant & Lead Free
1
2
3
4
6
5
7
No.
Poles
Model
No.
Switch Function
Connected Terminals / Shematic
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
SP
STS1
ON
NONE
ON
2-3
OPEN
2-1
SP
STS2
ON
NONE
MOM
SP
STS3
ON
OFF
ON
SP
STS4
MOM
OFF
MOM
SP
STS5
ON
OFF
MOM
SWITCH FUNCTION
ACTUATOR OPTIONS
A1
A2
AA
AB
Plastic Actuator
M02


Similar Part No. - STS1A2B1MTGTER

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STS100 SSOUSA-STS100 Datasheet
130Kb / 4P
   Multifunction Telecommunications Switch
logo
STMicroelectronics
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
   Very low switching gate charge
May 2009 Rev 1
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
logo
VBsemi Electronics Co.,...
STS10N3LH5 VBSEMI-STS10N3LH5 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
More results

Similar Description - STS1A2B1MTGTER

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
GREATECS
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com