Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW4XAHBE1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW4XAHBE1E
Description  Tops 25 Power Pure White LED Possible to attach to heat sink directly without using print circuit board.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW4XAHBE1E Datasheet(HTML) 1 Page - OptoSupply International

  OSW4XAHBE1E Datasheet HTML 1Page - OptoSupply International OSW4XAHBE1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER A.0
T
To
op
pss 2
25
5 P
Po
ow
we
er
r P
Pu
ur
re
e W
Wh
hiitte
e L
LE
ED
D
O
OS
SW
W4
4X
XA
AH
HB
BE
E1
1E
E
VER . 1
Features
Outline Dimension
High-power LED
Long lifetime operation
Typical viewing angle : 140deg
RoHS compliant
Possible to attach to heat sink directly without
using print circuit board.
Applications
Indoor & outdoor lighting
Stage lighting
Reading lamps
Display cases, furniture illumination, marker
Architectural illumination
Spotlights
Unit:mm
Tolerance:±0.10mm
Tolerances are for reference only
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current *1
IF
1,000
mA
Pulse Forward Current*2
IFP
1,500
mA
Reverse Voltage
VR
50
V
Power Dissipation*1
PD
38,000
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*1, Power dissipation and forward current are the value when the module temperature is
set lower than the rating by using an adequate heat sink.
*2, Pulse width Max.10ms Duty ratio max 1/10
30°
90°
60°
0
0
90°
30°
60°
0.5
0.5
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=750mA
29
34
38
V
DC Reverse Current
IR
VR=50V
-
-
50
µA
Luminous Flux
Φ
v
IF=750mA
1700
2000
-
lm
Color Temperature
CCT
IF=750mA
-
6500
-
K
x
IF=750mA
-
0.31
-
Chromaticity
Coordinates*
y
IF=750mA
-
0.34
-
50% Power Angle
1/2
IF=750mA
-
140
-
deg
Note: Don’t drive at rated current more than 5s without heat sink for High Power series.
* Tolerance of chromaticity coordinates is +10% ,
* Tolerance of Luminous Flux is +20%
LED & Application Technologies


Similar Part No. - OSW4XAHBE1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XAH5E1E OPTOSUPPLY-OSW4XAH5E1E Datasheet
465Kb / 2P
   Tops 5 Power Pure White LED Long lifetime operation Stage lighting
OSW4XAHAE1E OPTOSUPPLY-OSW4XAHAE1E Datasheet
464Kb / 2P
   Tops 10 Power Pure White LED Long lifetime operation High-power LED
OSW4XAHCE1E OPTOSUPPLY-OSW4XAHCE1E Datasheet
505Kb / 2P
   Tops 50 Power Pure White LED Typical viewing angle : 140deg High-power LED
OSW4XAHCE1E2 OPTOSUPPLY-OSW4XAHCE1E2 Datasheet
257Kb / 2P
   tops 50 power pure white led
OSW4XAHDE1E OPTOSUPPLY-OSW4XAHDE1E Datasheet
527Kb / 2P
   Tops 100 Power Pure White LED Typical viewing angle : 140deg High-power LED
More results

Similar Description - OSW4XAHBE1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XAHCE1E2 OPTOSUPPLY-OSW4XAHCE1E2 Datasheet
257Kb / 2P
   tops 50 power pure white led
OS5MF3TEC1EVER.3 OPTOSUPPLY-OS5MF3TEC1EVER.3 Datasheet
208Kb / 4P
   Tops 6W Pure White Ceramic LED
OS4WF3TEC1E OPTOSUPPLY-OS4WF3TEC1E Datasheet
207Kb / 4P
   Tops 6W Pure White Ceramic LED
OS4WF3TEC1EVER.3 OPTOSUPPLY-OS4WF3TEC1EVER.3 Datasheet
207Kb / 4P
   Tops 6W Pure White Ceramic LED
OSW4X3L6E1E_VER.A.2 OPTOSUPPLY-OSW4X3L6E1E_VER.A.2 Datasheet
315Kb / 2P
   d28mm tops 6 power pure white cob led
OSW443T6C1E OPTOSUPPLY-OSW443T6C1E Datasheet
773Kb / 6P
   Tops 6 Power Pure White Ceramic LED Long lifetime operation
OSW4XAHAE1E OPTOSUPPLY-OSW4XAHAE1E Datasheet
464Kb / 2P
   Tops 10 Power Pure White LED Long lifetime operation High-power LED
OSW4XAH5E1E OPTOSUPPLY-OSW4XAH5E1E Datasheet
465Kb / 2P
   Tops 5 Power Pure White LED Long lifetime operation Stage lighting
OSW4XAHCE1E OPTOSUPPLY-OSW4XAHCE1E Datasheet
505Kb / 2P
   Tops 50 Power Pure White LED Typical viewing angle : 140deg High-power LED
OSM5XAHBE1E OPTOSUPPLY-OSM5XAHBE1E Datasheet
502Kb / 2P
   Tops 25 Power Warm White LED Long lifetime operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com